Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A41-25-24 Datasheet(PDF) 2 Page - Superworld Electronics

Part # A41-25-24
Description  Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

A41-25-24 Datasheet(HTML) 2 Page - Superworld Electronics

  A41-25-24 Datasheet HTML 1Page - Superworld Electronics A41-25-24 Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION FOR APPROVAL
Product Name
Power Transformer (Lead Free)
Page
2
Superworld Part No:
A41 (F) Series
Rev No
0
Electrical Characteristics :
SUPERWORLD ELECTRONICS (S) PTE LTD
Part Number
Size
VA
Secondary Rms Rating
Series
Parallel
A41-25-10
A41-43-10
A41-80-10
A41-130-10
A41-175-10
A41-25-12
A41-175-12
A41-25-16
A41-43-16
A41-80-16
A41-130-16
A41-175-16
A41-25-20
A41-130-28
A41-80-28
A41-43-28
A41-25-28
A41-175-24
A41-130-24
A41-80-24
A41-43-24
A41-25-24
A41-175-20
A41-130-20
A41-80-20
A41-43-20
A41-43-36
A41-80-36
A41-130-36
A41-175-36
A41-25-230
A41-43-230
A41-80-230
A41-130-230
A41-175-230
A41-25-36
A41-175-28
25
43
80
130
175
25
175
43
A41-43-12
80
A41-80-12
130
A41-130-12
130
80
43
175
25
175
130
80
43
25
130
80
43
175
25
175
130
80
43
25
25
43
80
130
175
25
175
43
80
130
10V C.T. @ 2.50A
10V C.T. @ 4.30A
10V C.T. @ 8.00A
10V C.T. @ 13.00A
10V C.T. @ 17.50A
12.6V C.T. @ 2.00A
12.6V C.T. @ 3.40A
12.6V C.T. @ 6.30A
12.6V C.T. @ 10.30A
12.6V C.T. @ 14.00A
16V C.T. @ 1.60A
16V C.T. @ 2.70A
16V C.T. @ 5.00A
16V C.T. @ 8.10A
16V C.T. @ 11.00A
20V C.T. @ 1.25A
20V C.T. @ 2.20A
20V C.T. @ 4.00A
20V C.T. @ 6.50A
20V C.T. @ 8.80A
24V C.T. @ 1.00A
24V C.T. @ 1.80A
24V C.T. @ 3.30A
24V C.T. @ 5.40A
24V C.T. @ 7.30A
28V C.T. @ 0.90A
28V C.T. @ 1.50A
28V C.T. @ 2.80A
28V C.T. @ 4.60A
28V C.T. @ 6.25A
36V C.T. @ 0.70A
36V C.T. @ 1.20A
36V C.T. @ 2.20A
36V C.T. @ 3.60A
36V C.T. @ 4.80A
230V C.T. @ 0.11A
230V C.T. @ 0.19A
230V C.T. @ 0.35A
230V C.T. @ 0.57A
230V C.T. @ 0.76A
5V @ 5.00A
5V @ 8.60A
5V @ 16.00A
5V @ 26.00A
5V @ 35.00A
6.3V @ 4.00A
6.3V @ 6.80A
6.3V @ 12.60A
6.3V @ 20.60A
6.3V @ 28.00A
8V @ 3.20A
8V @ 5.40A
8V @ 10.00A
8V @ 16.20A
8V @ 22.00A
10V @ 2.50A
10V @ 4.40A
10V @ 8.00A
10V @ 13.00A
10V @ 17.60A
12V @ 2.00A
12V @ 3.60A
12V @ 6.60A
12V @ 10.80A
12V @ 14.60A
14V @ 1.80A
14V @ 3.00A
14V @ 5.60A
14V @ 9.20A
14V @ 12.50A
18V @ 1.40A
18V @ 2.40A
18V @ 4.40A
18V @ 7.20A
18V @ 9.60A
115V @ 0.22A
115V @ 0.38A
115V @ 0.70A
115V @ 1.14A
115V @ 1.52A


Similar Part No. - A41-25-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-24 ETC-A41-25-24 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-25-24 BEL-A41-25-24 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
Pulse A Technitrol Comp...
A41-25-24A25 PULSE-A41-25-24A25 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
Bel Fuse Inc.
A41-25-24L BEL-A41-25-24L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
More results

Similar Description - A41-25-24

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com