Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3127C-SL2iG Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-3127C-SL2iG
Description  1G節?.5Gbps Spring-latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3127C-SL2iG Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-3127C-SL2iG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3127C-SL2iG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1G~2.5Gbps Sping-latch SFP Transceiver
2km transmission, RoHS compliant
Preliminary Datasheet
Jan. 23, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 10
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 1/24/2007 1:56:00 PM
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 6
Figure 1, EEPROM Memory Map Specific Data Field Descriptions
Table 6 - Monitoring Specification
Parameter
Range
Accuracy
Calibration*
FTM-3127C-SL2G
-10 to +80°C
Temperature
FTM-3127C-SL2iG
-40 to +95°C
±3°C
Internal
Voltage
3.0 to 3.6V
±3%
Internal
Bias Current
0 to 80mA
±10%
Internal
TX Power
-11 to -2dBm
±3dB
Internal
RX Power
-20 to -2dBm
±3dB
Internal
Recommended Host Board Power Supply Circuit
Figure 2 shows the recommended host board power supply circuit.


Similar Part No. - FTM-3127C-SL2iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15EG SOURCE-FTM-3128C-SL15EG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15G SOURCE-FTM-3128C-SL15G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15iG SOURCE-FTM-3128C-SL15iG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2EG SOURCE-FTM-3128C-SL2EG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-3127C-SL2iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL40G SOURCE-FTM-3128C-SL40G Datasheet
270Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2G SOURCE-FTM-3128C-SL2G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2IG SOURCE-FTM-3128C-SL2IG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com