Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-AR1Z3219S-4-23 Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-AR1Z3219S-4-23
Description  LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AR1Z3219S-4-23 Datasheet(HTML) 2 Page - BetLux Electronics

  BL-AR1Z3219S-4-23 Datasheet HTML 1Page - BetLux Electronics BL-AR1Z3219S-4-23 Datasheet HTML 2Page - BetLux Electronics BL-AR1Z3219S-4-23 Datasheet HTML 3Page - BetLux Electronics BL-AR1Z3219S-4-23 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.betlux.com
LED LIGHT BAR
BL-AR1Z3219
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
Absolute maximum ratings (Ta=25
)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-AR1Z3219S-4-23

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222D-4-00 BETLUX-BL-AR1Z3222D-4-00 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222D-4-01 BETLUX-BL-AR1Z3222D-4-01 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222D-4-02 BETLUX-BL-AR1Z3222D-4-02 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222D-4-03 BETLUX-BL-AR1Z3222D-4-03 Datasheet
65Kb / 4P
   LED LIGHT BAR
More results

Similar Description - BL-AR1Z3219S-4-23

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
   LED Light Bar
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
   LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AS1Z10 BETLUX-BL-AS1Z10 Datasheet
62Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S2 BETLUX-BL-AS1Z15S2 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S4 BETLUX-BL-AS1Z15S4 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AR1Z1408 BETLUX-BL-AR1Z1408 Datasheet
68Kb / 5P
   LED LIGHT BAR
logo
LUMEX INC.
SSP-LBK06MW024K03 LUMEX-SSP-LBK06MW024K03 Datasheet
669Kb / 3P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com