Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-AR1Z1006D-4-10 Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-AR1Z1006D-4-10
Description  LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AR1Z1006D-4-10 Datasheet(HTML) 4 Page - BetLux Electronics

  BL-AR1Z1006D-4-10 Datasheet HTML 1Page - BetLux Electronics BL-AR1Z1006D-4-10 Datasheet HTML 2Page - BetLux Electronics BL-AR1Z1006D-4-10 Datasheet HTML 3Page - BetLux Electronics BL-AR1Z1006D-4-10 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.betlux.com
LED LIGHT BAR
BL-AR1Z1006
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-AR1Z1006D-4-10

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1206 BETLUX-BL-AR1Z1206 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z1206D-4-00 BETLUX-BL-AR1Z1206D-4-00 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z1206D-4-01 BETLUX-BL-AR1Z1206D-4-01 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z1206D-4-02 BETLUX-BL-AR1Z1206D-4-02 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z1206D-4-03 BETLUX-BL-AR1Z1206D-4-03 Datasheet
65Kb / 4P
   LED LIGHT BAR
More results

Similar Description - BL-AR1Z1006D-4-10

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
   LED Light Bar
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
   LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AS1Z10 BETLUX-BL-AS1Z10 Datasheet
62Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S2 BETLUX-BL-AS1Z15S2 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S4 BETLUX-BL-AS1Z15S4 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AR1Z1408 BETLUX-BL-AR1Z1408 Datasheet
68Kb / 5P
   LED LIGHT BAR
logo
LUMEX INC.
SSP-LBK06MW024K03 LUMEX-SSP-LBK06MW024K03 Datasheet
669Kb / 3P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com