Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-5106C-SL80G Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-5106C-SL80G
Description  622Mbps SFP Transceiver with Spring Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5106C-SL80G Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-5106C-SL80G Datasheet HTML 1Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 2Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5106C-SL80G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
622Mbps Spring-latch SFP Transceiver
15~80 km transmission with Monitoring function
Preliminary Datasheet
Mar 16, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 13
6. Internally AC coupled.
FTM-3106C-SL40DG (1310nm DFB and PIN, 40km, Monitoring function)
Table 6 - Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1280
1335
nm
Average Output Power
P0ut
-3
+2
dBm
1
Spectral Width (-20dB)
∆λ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
EX
10
dB
Jitter Generation (RMS)
0.01
UI
Jitter Generation (pk-pk)
0.1
UI
Output Optical Eye
Compatible with Telcordia GR-253-CORE and ITU-T
G.957
2
Data Input Swing Differential
VIN
300
1860
mV
3
Input Differential Impedance
ZIN
90
100
110
Disable
2.0
Vcc
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1260
1580
nm
Receiver Sensitivity
-28
dBm
4
Receiver Overload
-8
dBm
4
Optical Path Penalty
1
dB
5
LOS De-Assert
LOSD
-31
dBm
LOS Assert
LOSA
-42
dBm
LOS Hysteresis
1
4
dB
Data Output Swing Differential
VOUT
370
1800
mV
6
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
Notes:
1. The optical power is launched into SMF.
2. Measured with a PRBS 2
23-1 test pattern @622Mbps.
3. Internally AC coupled and terminated.
4. Measured with a PRBS 2
23-1 test pattern @622Mbps, BER ≤1×10-10.
5. Measured with a PRBS 2
23-1 test pattern @622Mbps, over 40km G.652 SMF, BER ≤1×10-10.
6. Internally AC coupled.


Similar Part No. - FTM-5106C-SL80G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5106C-SL80iG SOURCE-FTM-5106C-SL80iG Datasheet
398Kb / 12P
   622Mbps SFP Transceiver with Spring Latch
More results

Similar Description - FTM-5106C-SL80G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3106C-SL15IG SOURCE-FTM-3106C-SL15IG Datasheet
398Kb / 12P
   622Mbps SFP Transceiver with Spring Latch
FTM-3001C-SL15G SOURCE-FTM-3001C-SL15G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com