Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9423P-F10DCG Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-9423P-F10DCG
Description  SFF 1.25G/2.5G EPON ONU Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9423P-F10DCG Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button FTM-9423P-F10DCG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9423P-F10DCG Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SFF2x5 1.25/2.5G EPON ONU Transceiver FTM-9423P-F10DC(G)
10km transmission
Preliminary Data Sheet
Dec. 5, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 10
Mechanical Design Diagram
The form factor is 2×5 SFF with pigtail fiber. The pigtail fiber has a length 605 - 625mm and 30mm minimum
bending radius. The fiber connector type is SC/UPC. The mechanical design diagram is shown in Figure 4.
(Dimension in mm)
Figure 4 Mechanical Design Diagram
Table 8 - Pigtail Fibre Characteristics
Parameter
Min.
Typical
Max.
Unit
Mode Field Diameter
9
µm
Cladding Diameter
125
µm
Jacket Diameter
0.9
mm
Bending Radius of Pigtail Fiber
30
mm
Tension Force on Pigtail Fiber
1
Kg
Pigtail Fiber Length
605
625
mm
Optical Return Loss (UPC type) -1310nm
50
dB


Similar Part No. - FTM-9423P-F10DCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
FTM-9423P-FGHIG SOURCE-FTM-9423P-FGHIG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
More results

Similar Description - FTM-9423P-F10DCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
BT-1212XX AVAGO-BT-1212XX Datasheet
103Kb / 1P
   10G EPON Symmetrical ONU Bi-direction OSA
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
logo
Source Photonics, Inc.
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Zarlink Semiconductor I...
ZL20250 ZARLINK-ZL20250 Datasheet
405Kb / 56P
   2.5G Multimode Transceiver
logo
Hitachi Semiconductor
HTR6545 HITACHI-HTR6545 Datasheet
284Kb / 10P
   SFF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com