Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-5112C-SL120G Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # FTM-5112C-SL120G
Description  1.25G Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5112C-SL120G Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button FTM-5112C-SL120G Datasheet HTML 2Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 9Page - Source Photonics, Inc. FTM-5112C-SL120G Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1.25G Spring-Latch SFP Transceiver
120km transmission, RoHS compliant
Apr. 24, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 9 of 10
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization Last printed 2007-6-14 10:21
Ordering information
FTM
5
SL
C
2
1
1
Wavelength
Function
1
: Monitoring
Data rate
12: 1.25
Receptacle
C:LC
Package
SL: SFP with Spring- Latch
5 : 1550nm
G
Other
G: RoHS compliance
120
Distance
120: 120Km
Part No.
Product Description
FTM-5112C-SL120G
1550nm, 1.25Gbps, 120km, SFP with Spring-Latch, 0°C~+70°C, RoHS compliant
Related Documents
For further information, please refer to the following documents:
Fiberxon Spring-Latch SFP Installation Guide
Fiberxon SFP Application Notes
SFP Multi-Source Agreement (MSA)
Obtaining Document
You can visit our website:
http://www.fiberxon.com
Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest
documents.
Revision History
Revision
Initiate
Review
Approve
Subject
Release Date
Rev. 1a
Henry.Xiao
Bell.Huang
Walker.Wei Initial datasheet
Apr. 24, 2007


Similar Part No. - FTM-5112C-SL120G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results

Similar Description - FTM-5112C-SL120G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com