Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-6112C-SL10051G Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # FTM-6112C-SL10051G
Description  1.25Gbps CWDM Spring-latch SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-6112C-SL10051G Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button FTM-6112C-SL10051G Datasheet HTML 4Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 5Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 6Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 7Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 8Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 9Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 10Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 11Page - Source Photonics, Inc. FTM-6112C-SL10051G Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1.25Gbps Spring-latch SFP Transceiver
22dB/30dB Min. link budget, RoHS compliant
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 12
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100Ω differential
termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 5.
Figure 5, Mechanical Design Diagram of the SFP with Spring Latch
Ordering information


Similar Part No. - FTM-6112C-SL10051G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-6128C-SL5047G SOURCE-FTM-6128C-SL5047G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5049G SOURCE-FTM-6128C-SL5049G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5051G SOURCE-FTM-6128C-SL5051G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5053G SOURCE-FTM-6128C-SL5053G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-6112C-SL10051G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com