Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-6128C-SL8051G Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FTM-6128C-SL8051G
Description  155M~2.67Gbps Spring-latch SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-6128C-SL8051G Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FTM-6128C-SL8051G Datasheet HTML 4Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 5Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 6Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 7Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 8Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 9Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 10Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 11Page - Source Photonics, Inc. FTM-6128C-SL8051G Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
155M~2.67Gbps Spring-latch SFP Transceiver
18/28dB Min. link budget, RoHS compliant
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 11 of 12
Part No.
Product Description
FTM-6128C-SL5047G
1471nm (Gray Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL5049G
1491nm (Violet Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL5051G
1511nm (Blue Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL5053G
1531nm (Green Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL5055G
1551nm (Yellow Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL5057G
1571nm (Orange Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum
link budget, with monitoring function
FTM-6128C-SL5059G
1591nm (Red Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL5061G
1611nm (Brown Lever) 155M~2.67Gbps SFP with Spring latch, 18dB minimum link
budget, with monitoring function
FTM-6128C-SL8047G
1471nm (Gray Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
FTM-6128C-SL8049G
1491nm (Violet Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
FTM-6128C-SL8051G
1511nm (Blue Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
FTM-6128C-SL8053G
1531nm (Green Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
FTM-6128C-SL8055G
1551nm (Yellow Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
FTM-6128C-SL8057G
1571nm (Orange Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum
link budget, with monitoring function
FTM-6128C-SL8059G
1591nm (Red Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
FTM-6128C-SL8061G
1611nm (Brown Lever) 155M~2.67Gbps SFP with Spring latch, 28dB minimum link
budget, with monitoring function
Related Documents
For further information, please refer to the following documents:
Fiberxon
Spring-latch SFP Installation Guide
Fiberxon SFP Application Notes
SFP Multi-Source Agreement (MSA)
Obtaining Document


Similar Part No. - FTM-6128C-SL8051G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-6112C-SL10043G SOURCE-FTM-6112C-SL10043G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10045G SOURCE-FTM-6112C-SL10045G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10047G SOURCE-FTM-6112C-SL10047G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10049G SOURCE-FTM-6112C-SL10049G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
More results

Similar Description - FTM-6128C-SL8051G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL40G SOURCE-FTM-3128C-SL40G Datasheet
270Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2G SOURCE-FTM-3128C-SL2G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2IG SOURCE-FTM-3128C-SL2IG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com