Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCA0611ARH8 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # HCA0611ARH8
Description  Miniature amplified barometric pressure sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCA0611ARH8 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  HCA0611ARH8 Datasheet HTML 1Page - Sensortechnics GmbH HCA0611ARH8 Datasheet HTML 2Page - Sensortechnics GmbH HCA0611ARH8 Datasheet HTML 3Page - Sensortechnics GmbH HCA0611ARH8 Datasheet HTML 4Page - Sensortechnics GmbH HCA0611ARH8 Datasheet HTML 5Page - Sensortechnics GmbH HCA0611ARH8 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HCA-BARO Series
Miniature amplified barometric pressure sensors
6/6
E / 11641 / A
www.sensortechnics.com
ORDERING INFORMATION
Sensortechnics reserve the right to make changes to any products herein. Sensortechnics do not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Custom specific mechanical or electronic sensor modifications are widely available:
· 3 V power supply
· SPI, switching and custom specific outputs
· Dual inline packages (DIP)
... etc.
Please contact your nearest Sensortechnics sales office for further information.
s
e
i
r
e
S
e
g
n
a
r
e
r
u
s
s
e
r
P
e
d
o
m
e
r
u
s
s
e
r
P
n
o
i
t
a
r
b
i
l
a
C
g
n
i
s
u
o
H
g
n
i
t
r
o
P
s
n
o
i
t
p
OA
C
H
1
1
6
0
r
a
b
m
0
0
1
1
.
.
.
0
0
6
A
e
t
u
l
o
s
b
A
R
c
i
r
t
e
m
o
r
a
B
*
G
L
I
S
8
t
h
g
i
a
r
t
S
1
1
8
0
r
a
b
m
0
0
1
1
.
.
.
0
0
8
H
D
M
S
9
d
e
b
r
a
B
e
l
b
a
l
i
a
v
a
t
o
n
*
t
u
p
t
u
o
l
a
t
i
g
i
d
h
t
i
w
:
e
l
p
m
a
x
E
A
C
H
1
1
6
0
A
R
H
8
Sensortechnics PRO services:
· Extended guarantee period of 2 years
· Custom product modifications and adaptations even for small quantities
· Advanced logistics models for supply inventory and short delivery times
· Technical support through application engineers on the phone or at your site
· Traceability of each sensor through serial numbers on request
· No product specification changes without customer notification
· No product obsolescence without very early prior notice
· Fastest possible technical response for design and QA engineers
· Long term product availability for your spares and service needs
... plus other services on request


Similar Part No. - HCA0611ARH8

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
More results

Similar Description - HCA0611ARH8

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com