Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCA0611ARH9 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HCA0611ARH9
Description  Miniature amplified barometric pressure sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCA0611ARH9 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HCA0611ARH9 Datasheet HTML 1Page - Sensortechnics GmbH HCA0611ARH9 Datasheet HTML 2Page - Sensortechnics GmbH HCA0611ARH9 Datasheet HTML 3Page - Sensortechnics GmbH HCA0611ARH9 Datasheet HTML 4Page - Sensortechnics GmbH HCA0611ARH9 Datasheet HTML 5Page - Sensortechnics GmbH HCA0611ARH9 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HCA-BARO Series
Miniature amplified barometric pressure sensors
1/6
E / 11641 / A
www.sensortechnics.com
FEATURES
· 600...1100 mbar, 800...1100 mbar
barometric ranges
· Output: 0.25...4.25 V and I2C-bus
(SPI and switching outputs optional)
· Precision ASIC conditioning
· Calibrated and temperature
compensated
· Miniature SMT or SIL housing
· RoHS compliant
· Sensortechnics PRO services
ELECTRICAL CONNECTION
+Vs
Vout
SCL
SDA
GND
1
3
5
8
2
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
4.5 V ... 5.5 V
DC
(optional 2.7 ... 3.3 V
DC)
Output current
Sink
1 mA
Source
1 mA
Proof pressure3
3000 mbara
Burst pressure4
5000 mbara
Lead specifications
Average preheating temperature gradient 2.5 K/s
Soak time
ca. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak temperature
260°C
Cooling temperature gradient
-3.5 K/s
Temperature ranges
Compensated
0 ... +85°C
Operating
-25 ... +85°C
Storage
-40 ... +125°C
Humidity limits (non-condensing)
0 ... 95 %RH
Note:
Pins 5 and 8 (connections for digital
I2C-bus) are only available for SMD
package (HCA...H)


Similar Part No. - HCA0611ARH9

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
More results

Similar Description - HCA0611ARH9

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com