Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCL0025D Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # HCL0025D
Description  Miniature compensated low pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCL0025D Datasheet(HTML) 6 Page - Sensortechnics GmbH

Back Button HCL0025D Datasheet HTML 2Page - Sensortechnics GmbH HCL0025D Datasheet HTML 3Page - Sensortechnics GmbH HCL0025D Datasheet HTML 4Page - Sensortechnics GmbH HCL0025D Datasheet HTML 5Page - Sensortechnics GmbH HCL0025D Datasheet HTML 6Page - Sensortechnics GmbH HCL0025D Datasheet HTML 7Page - Sensortechnics GmbH HCL0025D Datasheet HTML 8Page - Sensortechnics GmbH HCL0025D Datasheet HTML 9Page - Sensortechnics GmbH HCL0025D Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HCL Series
Miniature compensated low pressure sensors
6/10
E / 11628 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTIONS (cont.)
HCL...H...
Package: SMD single port
dimensions in mm
third angle projection
Top view
dimensions in mm
HCL...G...
Package: single port
third angle projection
12.70
1 2 3 4
0.51
2.54
10.70
3
4.20
3.70
3
1.90
0.25
1.45
HIGH PRESSURE PORT
12.70
10.70
4.06
0.46
2.54
HIGH PRESSURE PORT
3
4.20
8 7 6 5
1 2 3 4
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
5
C
/
N
6
7
8
Top view


Similar Part No. - HCL0025D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005 SENSORTECHNICS-HCL0005_16 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
More results

Similar Description - HCL0025D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005_16 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
   Precision Compensated, Low Pressure Sensors
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
RLOH001D SENSORTECHNICS-RLOH001D Datasheet
82Kb / 5P
   Precision compensated low pressure sensors
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com