Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCLA12X5DB Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # HCLA12X5DB
Description  Miniature amplified low pressure sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCLA12X5DB Datasheet(HTML) 6 Page - Sensortechnics GmbH

Back Button HCLA12X5DB Datasheet HTML 2Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 3Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 4Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 5Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 6Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 7Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 8Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 9Page - Sensortechnics GmbH HCLA12X5DB Datasheet HTML 10Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HCLA Series
Miniature amplified low pressure sensors
6/15
E / 11629 / A
www.sensortechnics.com
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
3
5
0
.
0
±5
2
.
0
±
S
S
F
%
)
C
°
5
8
o
t
5
2
-
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
1
t
e
s
f
f
O5
.
0
±
n
a
p
S0
.
1
±
y
a
l
e
d
e
s
n
o
p
s
e
R
9
,
8
5
.
0s
m
n
o
i
t
u
l
o
s
e
r
D
/
A
9
2
1
t
i
b
n
o
i
t
u
l
o
s
e
r
A
/
D
1
1
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
0
1
5A
m
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
f
i
h
s
p
u
-
m
r
a
w
t
e
s
f
f
O
2
1
2
0
0
±
x
e
H
t
n
u
o
C
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O
1
2
0
0
±
)
r
a
e
y
e
n
o
(
t
f
i
r
d
m
r
e
t
g
n
o
l
t
e
s
f
f
O
1
2
0
0
±
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
f
i
h
s
p
u
-
m
r
a
w
t
e
s
f
f
O
2
5
±
V
m
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O
5
±
)
r
a
e
y
e
n
o
(
t
f
i
r
d
m
r
e
t
g
n
o
l
t
e
s
f
f
O
5
±
HCLA0050...B
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
n
a
r
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O0
5
-0
5
+r
a
b
m
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
ZA
0
7
39
9
9
38
2
C
3
x
e
H
t
n
u
o
C
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
4
6
D
3
66
6
6
65
F
8
6
t
u
p
t
u
Or
a
b
m
0
5
+
t
aC
C
C
6
r
a
b
m
0
5
-
t
a6
6
6
0
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
1
.
25
2
.
25
3
.
2
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
4
0
9
.
30
0
.
40
1
.
4
t
u
p
t
u
Or
a
b
m
0
5
+
t
a5
2
.
4
r
a
b
m
0
5
-
t
a5
2
.
0
HCLA0050...
HCLA0050...U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
n
a
r
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O0
0
5
+r
a
b
m
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z7
D
3
06
6
6
06
F
8
0
x
e
H
t
n
u
o
C
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
4
6
D
3
66
6
6
65
F
8
6
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
1
.
05
2
.
05
3
.
0
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
4
0
9
.
30
0
.
40
1
.
4
PERFORMANCE CHARACTERISTICS (cont.)
(V
s = 5.0 V, TA = 25 °C, analog output signal is ratiometric to VS, digital output signal is not ratiometric to VS,
pressure applied to high pressure port)


Similar Part No. - HCLA12X5DB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCLA12X5B SENSORTECHNICS-HCLA12X5B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCLA12X5U SENSORTECHNICS-HCLA12X5U Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
More results

Similar Description - HCLA12X5DB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com