Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-34-GB-BX-CNC Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SPL-34-GB-BX-CNC
Description  SFP Bi-Directional Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BX-CNC Datasheet(HTML) 8 Page - Source Photonics, Inc.

  SPL-34-GB-BX-CNC Datasheet HTML 1Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 7Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 8Page - Source Photonics, Inc. SPL-34-GB-BX-CNC Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SFP Bi-Directional Transceiver
SPL-34-GB-BX
LUMINENTOIC.COM
LUMNDS433-Oct2706
Rev A.6
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
Warnings
Ordering Information
SPL - 34 - GB - BX -
Temperature Diagnostic Revision
• Wavelength
34 = Tx 1310nm/Rx 1490nm
• Data Rate
GB = Gigabit Ethernet
• D = Digital Diagnostic
N = No Digital Diagnostic
• Revision
A = RoHS 5/6-compliant product (lead exemption)
C = RoHS 6/6-compliant (no exemption)
• Standard
BX = 1000BASE-BX
• C= Commercial temperature (-5 to 70ºC)
T= Industrial temperature (-40 to 85ºC)
Available Options:
SPL-34-GB-BX-CNA
SPL-34-GB-BX-TNA
SPL-34-GB-BX-CDA
SPL-34-GB-BX-TDA
Part numbering Definition:
• SPL = LC connector
SPL-34-GB-BX-CNC
SPL-34-GB-BX-TNC
SPL-34-GB-BX-CDC
SPL-34-GB-BX-TDC


Similar Part No. - SPL-34-GB-BX-CNC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
More results

Similar Description - SPL-34-GB-BX-CNC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-EBX-CNA SOURCE-SPL-35-GB-EBX-CNA Datasheet
633Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com