Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCL0025E Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # HCL0025E
Description  Miniature compensated low pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCL0025E Datasheet(HTML) 3 Page - Sensortechnics GmbH

  HCL0025E Datasheet HTML 1Page - Sensortechnics GmbH HCL0025E Datasheet HTML 2Page - Sensortechnics GmbH HCL0025E Datasheet HTML 3Page - Sensortechnics GmbH HCL0025E Datasheet HTML 4Page - Sensortechnics GmbH HCL0025E Datasheet HTML 5Page - Sensortechnics GmbH HCL0025E Datasheet HTML 6Page - Sensortechnics GmbH HCL0025E Datasheet HTML 7Page - Sensortechnics GmbH HCL0025E Datasheet HTML 8Page - Sensortechnics GmbH HCL0025E Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HCL Series
Miniature compensated low pressure sensors
3/10
E / 11628 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS (cont.)
(V
s = 12 V, TA = 25 °C, pressure applied to high pressure port)
HCL0025...
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
m
o
N.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
4
5
.
0
±
V
m
n
a
p
s
e
l
a
c
s
ll
u
F
4
,
3
0
.
9
10
.
0
20
.
1
2
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
2
5
0
.
0
±5
2
.
0
±S
F
%
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
7
t
e
s
f
f
O0
5
1
±
V
µ
n
a
p
S0
0
2
±
t
f
i
h
s
p
u
-
m
r
a
w
t
e
s
f
f
O
1
0
5
±
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O
0
1
±
)
r
a
e
y
e
n
o
(
t
f
i
r
d
m
r
e
t
g
n
o
l
t
e
s
f
f
O
0
0
1
±
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
.
4
k
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O5
.
1
HCL12X5...
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
m
o
N.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
4
5
.
0
±
V
m
n
a
p
s
e
l
a
c
s
ll
u
F
4
,
3
0
.
9
10
.
0
20
.
1
2
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
2
5
0
.
0
±5
2
.
0
±S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
7
t
e
s
f
f
O0
5
1
±
V
µ
n
a
p
S0
0
2
±
t
f
i
h
s
p
u
-
m
r
a
w
t
e
s
f
f
O
1
0
5
±
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O
5
±
)
r
a
e
y
e
n
o
(
t
f
i
r
d
m
r
e
t
g
n
o
l
t
e
s
f
f
O
0
0
1
±
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
.
4
k
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O5
.
1


Similar Part No. - HCL0025E

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005 SENSORTECHNICS-HCL0005_16 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
More results

Similar Description - HCL0025E

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005_16 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
   Precision Compensated, Low Pressure Sensors
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
RLOH001D SENSORTECHNICS-RLOH001D Datasheet
82Kb / 5P
   Precision compensated low pressure sensors
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com