Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCLA0075DU Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # HCLA0075DU
Description  Miniature amplified low pressure sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCLA0075DU Datasheet(HTML) 2 Page - Sensortechnics GmbH

  HCLA0075DU Datasheet HTML 1Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 2Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 3Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 4Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 5Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 6Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 7Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 8Page - Sensortechnics GmbH HCLA0075DU Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HCLA Series
Miniature amplified low pressure sensors
2/15
E / 11629 / A
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
(V
s = 5.0 V, TA = 25 °C, analog output signal is ratiometric to VS, digital output signal is not ratiometric to VS,
pressure applied to high pressure port)
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
7
,
5
e
r
u
s
s
e
r
p
t
s
r
u
B
7
,
6
l
a
n
g
i
s
t
u
p
t
u
O
B
.
.
.
5
X
2
0
A
L
C
Hr
a
b
m
5
.
2
±
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5
V
2
±
5
2
.
2
B
.
.
.
5
X
2
1
A
L
C
Hr
a
b
m
5
.
2
1
±
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5
B
.
.
.
5
2
0
0
A
L
C
Hr
a
b
m
5
2
±
.
.
.
0r
a
b
m
0
0
5r
a
b
m
0
5
7
B
.
.
.
0
5
0
0
A
L
C
Hr
a
b
m
0
5
±
.
.
.
0r
a
b
m
0
5
7r
a
b
m
0
0
2
1
B
.
.
.
5
7
0
0
A
L
C
Hr
a
b
m
5
7
±
.
.
.
0r
a
b
m
0
0
2
1r
a
b
m
0
0
0
2
U
.
.
.
5
X
2
0
A
L
C
Hr
a
b
m
5
.
2
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5
V
5
2
.
4
-
5
2
.
0
U
.
.
.
5
X
2
1
A
L
C
Hr
a
b
m
5
.
2
1
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5
U
.
.
.
5
2
0
0
A
L
C
Hr
a
b
m
5
2
.
.
.
0r
a
b
m
0
0
5r
a
b
m
0
5
7
U
.
.
.
0
5
0
0
A
L
C
Hr
a
b
m
0
5
.
.
.
0r
a
b
m
0
5
7r
a
b
m
0
0
2
1
U
.
.
.
5
7
0
0
A
L
C
Hr
a
b
m
5
7
.
.
.
0r
a
b
m
0
0
2
1r
a
b
m
0
0
0
2
Specification notes:
1.
Shift is relative to 25°C.
2.
Shift is within the first hour of excitation applied to the device.
3.
Non-linearity refers to the Best Straight Line fit, measured for lowest specified pressure, highest specified pressure and 1/2 full
scale pressure.
4.
Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest highest
pressure.
5.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
6.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks to
the housing.
7.
The common mode pressure for the HCLA series is 2 bar. Common mode pressure is the maximum pressure that can be
applied to both ports of a differential pressure sensor simultaneously without damaging the sensor housing.
8.
Max. delay time between pressure change at the pressure die and signal change at the output.
9.
The response time depends on the adjusted internal A/D resolution of the sensor. For 12 bit it is typ. 0.5 ms. Other A/D
resolutions and reponse times are available on request. Please contact Sensortechnics for further information.
10. Sensors with lower current consumption are available on request. Please contact Sensortechnics for further information.


Similar Part No. - HCLA0075DU

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCLA0075B SENSORTECHNICS-HCLA0075B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCLA0075U SENSORTECHNICS-HCLA0075U Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
More results

Similar Description - HCLA0075DU

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com