Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDIM020ARE8H3 Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # HDIM020ARE8H3
Description  Amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDIM020ARE8H3 Datasheet(HTML) 7 Page - Sensortechnics GmbH

Back Button HDIM020ARE8H3 Datasheet HTML 3Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 4Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 5Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 6Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 7Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 8Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 9Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 10Page - Sensortechnics GmbH HDIM020ARE8H3 Datasheet HTML 11Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HDI Series
Amplified pressure sensors
7/11
E / 11650 / A
www.sensortechnics.com
I²C BUS
Introduction
The HDI is capable to generate a digital output signal. The
device runs a cyclic program, which will store a corrected
pressure value with 12 bit resolution about every 250 µs
within the output registers of the internal ASIC. In order to
use the sensor for digital signal readout, it should be con-
nected to a bidirectional I²C-bus.
According to the I²C-bus specification, the bus is control-
led by a master device, which generates the clock signal,
controls the bus access and generates START and STOP
conditions. The HDI is designed to work as a slave, hence
it will only respond to requests from a master device.
Digital I²C interface
The HDI complies with the following protocol (Fig. 1):
Bus not busy: During idle periods both data line (SDA) and
clock line (SCL) remain HIGH.
START condition (S): HIGH to LOW transition of SDA line
while clock (SCL) is HIGH is interpreted as START con-
dition. START conditions are always generated by the
master. Each initial request for a pressure value has to
begin with a START condition.
STOP condition (P): LOW to HIGH transition of SDA line while
clock (SCL) is HIGH determines STOP condition. STOP
conditions are always generated by the master. More than
one request for the current pressure value can be trans-
mitted without generation of intermediate STOP condition.
DATA valid (D): State of data line represents valid data when,
after START condition, data line is stable for duration of
HIGH period of clock signal. Data on line must be
changed during LOW period of clock signal. There is
one clock pulse per bit of data.
Acknowledge (A): Data is transferred in pieces of 8 bits
(1 byte) on serial bus, MSB first. After each byte receiving
device – whether master or slave – is obliged to pull
data line LOW as acknowledge for reception of data.
Master must generate an extra clock pulse for this pur-
pose. When acknowledge is missed, slave transmitter
becomes inactive. It is on master either to send last com-
mand again or to generate STOP condition in that case.
Slave address: The I²C-bus master-slave concept requires
a unique address for each device. The HDI has a
preconfigured slave address (1111000xb). By factory pro-
gramming it is possible to define a secondary slave
address additional to the general one. According to I²C
specification 127 different addresses are available. The
sensor will then listen to both slave addresses. After
generating a START condition the master sends the
address byte containing a 7 bit address followed by a
data direction bit (R/W). A "0" indicates a transmission
from master to slave (WRITE), a "1" indicates a data
request (READ).
DATA operation: The sensor starts to send 2 data bytes con-
taining the current pressure value as a 15 bit information
placed in the output registers.
SDA
SCL
START
condition
Data
valid
Data allowed
to change
STOP
condition
R/W
Read out of first pressure value
Read out of n pressure values (optional)
S
Data Byte 1
A
Data Byte 2
Slave Address
A
1
A
P
Data Byte 1
generated by master
generated by slave
S = START condition
A = Acknowledge
P = STOP condition
Data Byte 1 = High Byte (MSB first)
Data Byte 2 = Low Byte (LSB last)
Fig. 1:
I²C bus protocol


Similar Part No. - HDIM020ARE8H3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDIM020B SENSORTECHNICS-HDIM020B Datasheet
495Kb / 9P
   Amplified pressure sensors
HDIM020U SENSORTECHNICS-HDIM020U Datasheet
495Kb / 9P
   Amplified pressure sensors
More results

Similar Description - HDIM020ARE8H3

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com