Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDOP030A2 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RDOP030A2
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RDOP030A2 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RDOP030A2 Datasheet HTML 1Page - Sensortechnics GmbH RDOP030A2 Datasheet HTML 2Page - Sensortechnics GmbH RDOP030A2 Datasheet HTML 3Page - Sensortechnics GmbH RDOP030A2 Datasheet HTML 4Page - Sensortechnics GmbH RDOP030A2 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RDO Series
Precision compensated pressure sensors
4/5
E / 11709 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS
RDO...D4...
mass: 2 g
dimensions in inches (mm)
mass: 2 g
dimensions in inches (mm)
Note:
The polarity identicated is for pressure applied to
RDO...G2..., RDO...D4... : P2 (backward gage), RDO...A2... : P1 (forward gage)
ELECTRICAL CONNECTION
Top View
RDO...G2...
RDO...A2...
RDO...D4...
RDO...G2...,
RDO...A2...
4
out +
+Vs
1
P1
out -
GND
Pin 1 identified by
chamfered corner
P1
GND
out -
1
out +
4
+Vs
P2
third angle projection
third angle projection
4
out -
+Vs
1
P2
out +
GND
Vent hole
Pin 1 identified by
chamfered corner
0.100
(2.54) typ.
0.020
(0.51) typ.
0.105
(2.67)
0.470
(11.94)
0.550
(13.97)
0.600
(15.24) typ.
0.01
(0.25)
0.315
(8.00) typ.
0.110
(2.79) typ.
0.190
(4.83) typ.
0.280
(7.11) typ.
compensation
circuit
0.300
(7.62)
0.600
(15.24) typ.
0.470
(11.94)
1
4
0.550
(13.97)
0.430
(10.92) typ.
Ø 0.090
(2.29) typ.
0.100
(2.54) typ.
0.020
(0.51) typ.
compensation
circuit
0.010
(0.25) typ.
0.120
(3.05) typ.
0.335
(8.50) typ.
0.110
(2.79) typ.
0.135
(3.43)
0.250
(6.35)
P1
P2


Similar Description - RDOP030A2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com