Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDOP100G2H Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RDOP100G2H
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RDOP100G2H Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RDOP100G2H Datasheet HTML 1Page - Sensortechnics GmbH RDOP100G2H Datasheet HTML 2Page - Sensortechnics GmbH RDOP100G2H Datasheet HTML 3Page - Sensortechnics GmbH RDOP100G2H Datasheet HTML 4Page - Sensortechnics GmbH RDOP100G2H Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RDO Series
Precision compensated pressure sensors
3/5
E / 11709 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zs
e
c
i
v
e
d
P
2
G
.
.
.
O
D
R
d
n
a
P
4
D
.
.
.
O
D
R
ll
a5
2
.
0
-0
5
2
.
0
+
V
m
s
e
c
i
v
e
d
P
2
A
.
.
.
O
D
R
ll
a
2
1
0
3
.
0
-0
0
3
.
0
+
H
"
0
1
/
r
a
b
m
5
2
o
t
p
u
s
e
c
i
v
e
d
ll
a
2O5
7
.
0
-0
5
7
.
0
+
s
e
c
i
v
e
d
H
2
A
.
.
.
O
D
R
ll
a
2
1
0
0
.
1
-0
0
0
.
1
+
s
e
c
i
v
e
d
r
e
h
t
o
ll
a0
5
.
0
-0
0
5
.
0
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
3
s
e
c
i
v
e
d
P
.
.
.
O
D
R
ll
a
3
1
.
0
±5
2
.
0
±
O
S
F
%
s
e
c
i
v
e
d
r
e
h
t
o
ll
a2
.
0
±0
0
.
1
±
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
4
t
e
s
f
f
Os
e
c
i
v
e
d
P
.
.
.
O
D
R
ll
a2
.
0
±5
.
0
±
V
m
H
"
0
1
/
r
a
b
m
5
2
o
t
p
u
s
e
c
i
v
e
d
ll
a
2O2
.
0
±6
.
0
±
s
e
c
i
v
e
d
r
e
h
t
o
ll
a2
.
0
±0
.
1
±
n
a
p
SP
.
.
.
O
D
R
ll
a4
.
0
±0
.
1
±
O
S
F
%
s
e
c
i
v
e
d
r
e
h
t
o
ll
a4
.
0
±0
.
2
±
y
t
il
i
b
a
t
a
e
p
e
R
5
H
"
0
1
/
r
a
b
m
5
2
o
t
p
u
s
e
c
i
v
e
d
ll
a
2O5
.
0
±
s
e
c
i
v
e
d
r
e
h
t
o
ll
a2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
6
0
.
4
k
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
7
0
.
4
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
8
5
.
10
.
30
.
5V
C
D
e
m
i
t
e
s
n
o
p
s
e
R
9
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
0
1
1
.
0
±V
m
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
Reference conditions: supply voltage, V
S = 12VDC; TA = 25°C; common mode line pressure = 0 bar; pressure applied to port 2.
For absolute devices only, pressure is applied to port 1 and the output polarity is reversed.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage.
Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure. Maximum linearity and hysteresis for the RDOM250...P is 0.35 %FSO and for the RDOP005...P is 0.5 %FSO.
Maximum error band of the offset voltage and the error band of the span, relative to the 25°C reading.
Maximum difference in output at any pressure within the operating pressure range and temperature within 0 to +50°C after:
a) 100 temperature cycles, 0 to +50°C.
b) 1.0 million pressure cycles, 0 psi to full scale span.
Input impedance is the impedance between V
S and ground.
Output impedance is the impedance between + and - outputs.
This is the common mode voltage of the output arms for V
S = 12 VDC.
Response time for a zero to full scale span pressure step change, 10 to 90 % rise time.
Long term stability over a one year period.
If the maximum pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may fracture.
The proof pressure for the forward gage of all devices in the D4-package is the specified value or 7 bar/100 psi, whatever is less.
Absolute devices with improved zero pressure offset values are available on request. Please contact your nearest Sensortechnics
sales office for further information.


Similar Description - RDOP100G2H

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com