Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDOP015D4H Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RDOP015D4H
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RDOP015D4H Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RDOP015D4H Datasheet HTML 1Page - Sensortechnics GmbH RDOP015D4H Datasheet HTML 2Page - Sensortechnics GmbH RDOP015D4H Datasheet HTML 3Page - Sensortechnics GmbH RDOP015D4H Datasheet HTML 4Page - Sensortechnics GmbH RDOP015D4H Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RDO Series
Precision compensated pressure sensors
1/5
E / 11709 / A
www.sensortechnics.com
FEATURES
· 0...10 mbar to 0...5 bar,
0...5 inch H
2O to 0...100 psi,
differential, gage or absolute
· Temperature compensated
· Calibrated zero and span
· High impedance for low power
applications
· Small DIP packages
· Sensortechnics PRO services
EQUIVALENT CIRCUIT
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
+20 V
DC
Lead temperature (soldering 4 sec.)
250 °C
Temperature ranges
Compensated
0 to 50 °C
Operating
-40 to 85 °C
Storage
-55 to 125 °C
Humidity limits (non-condensing)
0 to 100% RH
Common mode pressure
all devices up to 25 mbar/10 "H2O
50 psig
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
all others
150 psig
+
+Vs
-


Similar Description - RDOP015D4H

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com