Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZUP030A2 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RZUP030A2
Description  Basic pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RZUP030A2 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RZUP030A2 Datasheet HTML 1Page - Sensortechnics GmbH RZUP030A2 Datasheet HTML 2Page - Sensortechnics GmbH RZUP030A2 Datasheet HTML 3Page - Sensortechnics GmbH RZUP030A2 Datasheet HTML 4Page - Sensortechnics GmbH RZUP030A2 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RZU Series
Basic pressure sensors
4/5
E / 11708 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS (cont.)
DIP package, single port
13.97
(0.550)
11.94
(0.470)
1.91
(0.075)
13.84
(0.545)
8.00
(0.315)
6.00
(0.24) NOM
2.79
(0.110) TYP
15.2
(0.60) NOM
0.25
(0.010)
TYP
0.51
(0.020) TYP
2.54
(0.100) TYP
Ø 2.67
(0.105) TYP
2 ° draft
Ø 0.64 (0.025)
vent hole
(gage devices only)
DIP package, dual port
3.43
(0.135)
15.2
(0.60) NOM
3.6
(0.14)
6.4
(0.25)
4.3
(0.17) TYP
0.25
(0.010)
TYP
13.97
(0.550)
11.94
(0.470)
Ø 2.29
(0.090) TYP
2 ° draft
7.24
(0.285)
9.65
(0.380)
2.79
(0.110) TYP
2.54
(0.100) TYP
0.51
(0.020) TYP
7.62
(0.300) TYP
mass: 1 g
dimensions in mm (inches)
third angle projection
mass: 1 g
dimensions in mm (inches)
third angle projection


Similar Part No. - RZUP030A2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
RZUS-U9 MSYSTEM-RZUS-U9 Datasheet
337Kb / 10P
   PC Recorders RZUS Series PC RECORDER
RZUS-U9T/MSR MSYSTEM-RZUS-U9T/MSR Datasheet
337Kb / 10P
   PC Recorders RZUS Series PC RECORDER
More results

Similar Description - RZUP030A2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com