Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCX002A6V Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # HCX002A6V
Description  Fully signal conditioned pressure transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCX002A6V Datasheet(HTML) 3 Page - Sensortechnics GmbH

  HCX002A6V Datasheet HTML 1Page - Sensortechnics GmbH HCX002A6V Datasheet HTML 2Page - Sensortechnics GmbH HCX002A6V Datasheet HTML 3Page - Sensortechnics GmbH HCX002A6V Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HCX Series
Fully signal conditioned pressure transducer
3/4
August 2007 / 026
www.sensortechnics.com
OUTLINE DRAWING
HCX(M)...6
H, HCXPM...6H
HCX(M)...6
V
mass: 14 g
dimensions in mm
mass: 14 g
dimensions in mm
P1:
High pressure port for
5 mbar and 10 mbar devices
P2:
High pressure port for
all other devices
(forward gage)
P1:
High pressure port for
5 mbar and 10 mbar devices
P2:
High pressure port for
all other devices
third angle projection
third angle projection
Top view
Top view
P2
P1
654321
SENSORTECHNICS
NOM 35
NOM Ø 2.6
NOM 29
3
NOM 19
NOM 25
3
5.25
15 ±0.2
25
12 ±0.5
NOM
5 x 2.54
max. 13
NOM 26
min. 3.2
Ø 3.0
Ø 4.4
Ø 5.4
pin 1
NOM 2.54
pin size 0.5 x 0.35
Ø 4.8
Ø 6.3
pin size 0.5 x 0.35
39.6 +0.5/-0.3
pin 1
NOM
5 x 2.54
NOM 6.8
654321
SENSORTECHNICS
P1
P2
NOM 35
NOM 29
3
3
NOM 19
NOM 25
Ø 3.0
Ø 4.4
Ø 5.4
Ø 6.3
Ø 4.8
12 ±0.5
max. 13
25
15 ±0.2
min. 3.2
NOM 2.54
NOM Ø 2.6


Similar Part No. - HCX002A6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCX002A6V ETC1-HCX002A6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
More results

Similar Description - HCX002A6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
40PC001B1A SENSORTECHNICS-40PC001B1A Datasheet
192Kb / 8P
   Fully signal conditioned pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
130Kb / 6P
   Fully signal conditioned low pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com