Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS29828 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALS29828
Description  10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS29828 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS29828 Datasheet HTML 1Page - Texas Instruments SN74ALS29828 Datasheet HTML 2Page - Texas Instruments SN74ALS29828 Datasheet HTML 3Page - Texas Instruments SN74ALS29828 Datasheet HTML 4Page - Texas Instruments SN74ALS29828 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74ALS29827, SN74ALS29828
10-BIT BUFFERS AND BUS DRIVERS
WITH 3-STATE OUTPUTS
SDAS095B – JANUARY 1986 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS29827
SN74ALS29828
UNIT
MIN
TYP†
MAX
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4 75 V
IOH = – 15 mA
2.4
V
VOH
VCC = 4.75 V
IOH = – 24 mA
2
V
VOL
VCC = 4.75 V,
IOL = 48 mA
0.35
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.4 V
20
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
–20
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 0.1
mA
IOS‡
VCC = 5.25 V,
VO = 0
–75
– 250
mA
ICC
VCC = 5.25 V
25
40
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics (see Figure 1)
FROM
TO
VCC = 4.75 V to 5.25 V
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN74ALS29827
SN74ALS29828
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLH
A
Y
C
300 pF
15
14
ns
tPHL
A
Y
CL = 300 pF
15
14
ns
tPLH
A
Y
C50 pF
8
7
ns
tPHL
A
Y
CL = 50 pF
8
7.5
ns
tPZH
OE
Y
C
300 pF
20
20
ns
tPZL
OE
Y
CL = 300 pF
23
23
ns
tPZH
OE
Y
C50 pF
15
15
ns
tPZL
OE
Y
CL = 50 pF
15
15
ns
tPHZ
OE
Y
C50 pF
17
17
ns
tPLZ
OE
Y
CL = 50 pF
12
12
ns
tPHZ
OE
Y
CL 5 pF
9
9
ns
tPLZ
OE
Y
CL = 5 pF
9
9
ns


Similar Part No. - SN74ALS29828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29828 TI1-SN74ALS29828 Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29828DW TI1-SN74ALS29828DW Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29828DWR TI1-SN74ALS29828DWR Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29828NT TI1-SN74ALS29828NT Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS29828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29827 TI1-SN74ALS29827_15 Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI-SN54ABT827 Datasheet
399Kb / 16P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com