Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-D39D-21PG Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-D39D-21PG
Description  LED NUMERIC DISPLAY, 2 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D39D-21PG Datasheet(HTML) 1 Page - BetLux Electronics

  BL-D39D-21PG Datasheet HTML 1Page - BetLux Electronics BL-D39D-21PG Datasheet HTML 2Page - BetLux Electronics BL-D39D-21PG Datasheet HTML 3Page - BetLux Electronics BL-D39D-21PG Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
  
LED NUMERIC DISPLAY, 2 DIGIT
BL-D39X-21
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
10.0mm(0.39”) Dual digit numeric display series.
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-D39C-21S-XX
BL-D39D-21S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
90
BL-D39C-21D-XX
BL-D39D-21D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
110
BL-D39C-21UR-XX
BL-D39D-21UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
150
BL-D39C-21E-XX
BL-D39D-21E-XX
Orange
GaAsP/GaP
635
2.10
2.50
55
BL-D39C-21Y-XX
BL-D39D-21Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
60
BL-D39C-21G-XX
BL-D39D-21G-XX
Green
GaP/GaP
570
2.20
2.50
40
Ultra Bright
Electrical-optical characteristics: (Ta=25℃) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-D39C-21UHR-XX
BL-D39D-21UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
150
BL-D39C-21UE-XX
BL-D39D-21UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
115
BL-D39C-21YO-XX
BL-D39D-21YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
115
BL-D39C-21UY-XX
BL-D39D-21UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
115
BL-D39C-21UG-XX
BL-D39D-21UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
100
BL-D39C-21PG-XX
BL-D39D-21PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
185
BL-D39C-21B-XX
BL-D39D-21B-XX
Ultra Blue
InGaN
470
2.70
4.20
70
BL-D39C-21W-XX
BL-D39D-21W-XX
Ultra White
InGaN
/
2.70
4.20
70
n
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-D39D-21PG

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D39A-21 BETLUX-BL-D39A-21 Datasheet
318Kb / 5P
   10.0mm(0.39) Dual digit Seven Segment LED display series
BL-D39A-21B BETLUX-BL-D39A-21B Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D39A-21D-4-00 BETLUX-BL-D39A-21D-4-00 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D39A-21D-4-01 BETLUX-BL-D39A-21D-4-01 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D39A-21D-4-02 BETLUX-BL-D39A-21D-4-02 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results

Similar Description - BL-D39D-21PG

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D36A-21S BETLUX-BL-D36A-21S Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D39A-21S BETLUX-BL-D39A-21S Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D43C-21S BETLUX-BL-D43C-21S Datasheet
83Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D50G-21S BETLUX-BL-D50G-21S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D50M-21S BETLUX-BL-D50M-21S Datasheet
83Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D56A-22S BETLUX-BL-D56A-22S Datasheet
83Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D56C-22S BETLUX-BL-D56C-22S Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D30I-21S BETLUX-BL-D30I-21S Datasheet
90Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D40C-21S BETLUX-BL-D40C-21S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D40E-21S BETLUX-BL-D40E-21S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D50A-21S- BETLUX-BL-D50A-21S- Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com