Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-D80D-21S Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-D80D-21S
Description  LED NUMERIC DISPLAY, 2 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D80D-21S Datasheet(HTML) 2 Page - BetLux Electronics

  BL-D80D-21S Datasheet HTML 1Page - BetLux Electronics BL-D80D-21S Datasheet HTML 2Page - BetLux Electronics BL-D80D-21S Datasheet HTML 3Page - BetLux Electronics BL-D80D-21S Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 2 DIGIT
BL-D80X-21
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25
)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-D80D-21S

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D80A-21 BETLUX-BL-D80A-21 Datasheet
327Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
BL-D80A-21B BETLUX-BL-D80A-21B Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D80A-21D BETLUX-BL-D80A-21D Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D80A-21D-XX BETLUX-BL-D80A-21D-XX Datasheet
327Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
BL-D80A-21E BETLUX-BL-D80A-21E Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results

Similar Description - BL-D80D-21S

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D36A-21S BETLUX-BL-D36A-21S Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D39A-21S BETLUX-BL-D39A-21S Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D43C-21S BETLUX-BL-D43C-21S Datasheet
83Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D50G-21S BETLUX-BL-D50G-21S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D50M-21S BETLUX-BL-D50M-21S Datasheet
83Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D56A-22S BETLUX-BL-D56A-22S Datasheet
83Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D56C-22S BETLUX-BL-D56C-22S Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D30I-21S BETLUX-BL-D30I-21S Datasheet
90Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D40C-21S BETLUX-BL-D40C-21S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D40E-21S BETLUX-BL-D40E-21S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D50A-21S- BETLUX-BL-D50A-21S- Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com