Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDIM020AUF8P3 Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # HDIM020AUF8P3
Description  Amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDIM020AUF8P3 Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button HDIM020AUF8P3 Datasheet HTML 3Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 4Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 5Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 6Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 7Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 8Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 9Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 10Page - Sensortechnics GmbH HDIM020AUF8P3 Datasheet HTML 11Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HDI Series
Amplified pressure sensors
8/11
E / 11650 / A
www.sensortechnics.com
I²C Interface Parameters
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
l
e
v
e
l
h
g
i
h
t
u
p
n
I
0
90
0
1
s
V
f
o
%
l
e
v
e
l
w
o
l
t
u
p
n
I
00
1
l
e
v
e
l
w
o
l
t
u
p
t
u
O
0
1
r
o
t
s
i
s
e
r
p
u
-
ll
u
P
0
0
5
A
D
S
@
e
c
n
a
t
i
c
a
p
a
c
d
a
o
L
C
A
D
S
0
0
4
F
p
L
C
S
/
A
D
S
@
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
C
N
I
_
C
2
I
0
1
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
F
L
C
S
*
0
0
10
0
4z
H
k
n
o
i
t
i
d
n
o
c
T
R
A
T
S
d
n
a
P
O
T
S
n
e
e
w
t
e
b
e
m
i
t
e
e
r
f
s
u
B
t
F
U
B
3
.
1
s
µ
,
n
o
i
t
i
d
n
o
c
T
R
A
T
S
)
d
e
t
a
e
p
e
r
(
e
m
i
t
d
l
o
He
s
l
u
p
k
c
o
l
c
t
s
r
i
f
o
t
t
A
T
S
.
D
H
8
.
0
L
C
S
f
o
d
o
i
r
e
p
W
O
L
t
W
O
L
3
.
1
L
C
S
f
o
d
o
i
r
e
p
H
G
I
H
t
H
G
I
H
6
.
0
n
o
i
t
i
d
n
o
c
T
R
A
T
S
d
e
t
a
e
p
e
r
e
m
i
t
p
u
t
e
S
t
A
T
S
.
U
S
1
e
m
i
t
d
l
o
h
a
t
a
D
t
T
A
D
.
D
H
0
e
m
i
t
p
u
t
e
s
a
t
a
D
t
T
A
D
.
U
S
2
.
0
L
C
S
d
n
a
A
D
S
h
t
o
b
f
o
e
m
i
t
e
s
i
R
t
R
3
.
0
L
C
S
d
n
a
A
D
S
h
t
o
b
f
o
e
m
i
t
ll
a
F
t
F
3
.
0
n
o
i
t
i
d
n
o
c
P
O
T
S
r
o
f
e
m
i
t
p
u
t
e
S
t
O
T
S
.
U
S
6
.
0
tHD;STA
tSU;DAT
tHD;DAT
tSU;STA
tR
tF
SCL
SDA
tHIGH
tLOW
tSU;STO
tBUF
tHD;STA
SDA
SCL
Note: Sensortechnics recommends communication speeds of at least 100 kHz (max. 400 kHz).
Please contact your nearest Sensortechnics sales office for further information.
* recommended
Fig. 2:
Timing characteristics


Similar Part No. - HDIM020AUF8P3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDIM020B SENSORTECHNICS-HDIM020B Datasheet
495Kb / 9P
   Amplified pressure sensors
HDIM020U SENSORTECHNICS-HDIM020U Datasheet
495Kb / 9P
   Amplified pressure sensors
More results

Similar Description - HDIM020AUF8P3

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com