Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-FL7615URC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-FL7615URC
Description  SUPER FLUX LED LAMP, 4PIN LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7615URC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-FL7615URC Datasheet HTML 1Page - BetLux Electronics BL-FL7615URC Datasheet HTML 2Page - BetLux Electronics BL-FL7615URC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.betlux.com
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7615xx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.
3
1
A
2
2.50
( .098 )
5.0T YP
CH AMFER
1.2 5x1. 25
(.04 9x.0 49)
R0 .6 9
0.20
(.0 27
008 )
.
7. 62
0 .5 0
(.3 00
02 0 )
.
7.6 2
0 .50
(.30 0
020)
.
5.0 0
0 .20
.11 8
008)
(
.
0.4 0
0 .20T YP
(. 016
00 8)
.
2 .50
0 .5 0
(.098
02 0)
.
5. 08
0.3 0
(.2 00
01 2 )
.
1.55
0.2 0TY P.
(.0 61
00 8 )
.
0.50 (.020 )TYP.
0.76
0. 10TY P.
(.0 30
00 4 )
.
5 .08
0.3 0
(. 200
01 2)
.
4. 40
0.2 0
(.1 73
00 8 )
.
7 .00
0 .2 0
(.276
00 8)
.


Similar Part No. - BL-FL7615URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7615URC BETLUX-BL-FL7615URC Datasheet
229Kb / 4P
   7.62*7.62*5.0MM, 5mm high power, SUPER FLUX LED LAMP
BL-FL7615URC BETLUX-BL-FL7615URC Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results

Similar Description - BL-FL7615URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7600URC BETLUX-BL-FL7600URC Datasheet
68Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680URC BETLUX-BL-FL7680URC Datasheet
219Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680XX BETLUX-BL-FL7680XX Datasheet
510Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7660XX BETLUX-BL-FL7660XX Datasheet
300Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680RGBC BETLUX-BL-FL7680RGBC Datasheet
216Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7660URC BETLUX-BL-FL7660URC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653XX BETLUX-BL-FL7653XX Datasheet
230Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7600XX BETLUX-BL-FL7600XX Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7670XX BETLUX-BL-FL7670XX Datasheet
305Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7615XX BETLUX-BL-FL7615XX Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com