Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HP20EUW2CL-5W Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-HP20EUW2CL-5W
Description  High Power LED lamp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-HP20EUW2CL-5W Datasheet(HTML) 1 Page - BetLux Electronics

  BL-HP20EUW2CL-5W Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
High Power LED lamp
BL-HP20ExxxL-5W
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n Features:
Ø
1W and 3W, 5W LEDs suitable for illumination lamps and decorative lighting
Ø
Longer service and less luminosity loss, 50,000hours
Ø
Different emitting colors are available
Ø
Working current: 200-350mA, 700mA, 1050mA
Ø
With or without heat sink are both available
Ø
Lambertian, batwing and side emitting are all available
Ø
Light output from 20 to 170 lumens
n
Applications:
Commercial lighting
Residential lighting
Decorative lighting
5Watt Lambertian
n
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=700mA)
Chip
Forward
Voltage(VF)
Unit:V
Flux
Unit:lm
@700mA
5W Lambertian Emitter
Part Number
Emitted Color
λ
P
(nm) or
CTT
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2
(deg)
BL-HP20EUECL-5W
Ultra Orange
630
6.6
8.25
100
160
BL-HP20EUYCL-5W
Ultra Yellow
590
6.6
8.25
110
170
BL-HP20EPGCL-5W
Ultra Pure Green
525
6.6
7.6
90
120
BL-HP20EUBCL-5W
Ultra Blue
470
6.6
7.6
20
40
BL-HP20EUWCL-5W
Ultra White
6000k
6.6
7.6
80
110
BL-HP20EUW2CL-5W
Ultra Warm White
3200k
Water
Clear
6.6
7.6
70
95
140


Similar Part No. - BL-HP20EUW2CL-5W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-HP20EUW2CL-3W BETLUX-BL-HP20EUW2CL-3W Datasheet
32Kb / 1P
   High Power LED lamp
More results

Similar Description - BL-HP20EUW2CL-5W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com