Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L48UWC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L48UWC
Description  Helmut Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L48UWC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L48UWC Datasheet HTML 1Page - BetLux Electronics BL-L48UWC Datasheet HTML 2Page - BetLux Electronics BL-L48UWC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Helmut Type LED lamp
BL-L48
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
4.8mm Round-Helmet Type LED Lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L48UEC
Ultra Orange
AlGaInP
630
2.10
2.50
200
500
BL-L48UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
200
500
BL-L48UGC
Ultra Green
AlGaInP
574
2.20
2.50
140
300
BL-L48PGC
Ultra Pure Green
InGaN
525
3.80
4.50
500
1000
BL-L48BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
300
700
BL-L48BC
Ultra Blue
InGaN
470
2.70
4.20
500
1000
BL-L48UBC
Ultra White
InGaN
/
2.70
4.20
500
1200
BL-L48VC
UV
InGaN
405
3.80
4.50
60
90
BL-L48UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
3000
10000
80
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L48UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L48UEC BETLUX-BL-L48UEC Datasheet
193Kb / 4P
   4.8mm Round-Helmet Type LED Lamp
BL-L48UGC BETLUX-BL-L48UGC Datasheet
193Kb / 4P
   4.8mm Round-Helmet Type LED Lamp
BL-L48UYC BETLUX-BL-L48UYC Datasheet
193Kb / 4P
   4.8mm Round-Helmet Type LED Lamp
More results

Similar Description - BL-L48UWC

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-X2361 BRIGHT-BL-X2361 Datasheet
258Kb / 6P
   AXIAL TYPE LED LAMP
BL-X4361 BRIGHT-BL-X4361 Datasheet
232Kb / 6P
   AXIAL TYPE LED LAMP
BL-XE1361-TR7 BRIGHT-BL-XE1361-TR7_2 Datasheet
207Kb / 7P
   AXIAL TYPE LED LAMP
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L513UEC-HT30 BETLUX-BL-L513UEC-HT30 Datasheet
68Kb / 3P
   Round Type LED lamp
BL-L524UEC BETLUX-BL-L524UEC Datasheet
71Kb / 3P
   Bullet Type LED lamp
BL-L542SRC BETLUX-BL-L542SRC Datasheet
87Kb / 3P
   Cylindrical Type LED lamp
BL-L557UED-D3 BETLUX-BL-L557UED-D3 Datasheet
67Kb / 3P
   Ovel Type LED lamp
BL-L55ASRC BETLUX-BL-L55ASRC Datasheet
71Kb / 3P
   Square Type LED lamp
BL-L555SRC BETLUX-BL-L555SRC Datasheet
70Kb / 3P
   Ovel Type LED lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com