Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L304PGC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L304PGC
Description  Round Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L304PGC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L304PGC Datasheet HTML 1Page - BetLux Electronics BL-L304PGC Datasheet HTML 2Page - BetLux Electronics BL-L304PGC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
Round Type LED lamp
BL-L304
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-L304PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L304 BETLUX-BL-L304 Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L304LRC BETLUX-BL-L304LRC Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L304SRC BETLUX-BL-L304SRC Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L304UEC BETLUX-BL-L304UEC Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L304UGC BETLUX-BL-L304UGC Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
More results

Similar Description - BL-L304PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L513UEC-HT30 BETLUX-BL-L513UEC-HT30 Datasheet
68Kb / 3P
   Round Type LED lamp
BL-L813SRC BETLUX-BL-L813SRC Datasheet
72Kb / 3P
   Round Type LED lamp
BL-L312SRC BETLUX-BL-L312SRC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L502SRC BETLUX-BL-L502SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L101SRC BETLUX-BL-L101SRC Datasheet
72Kb / 3P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040 LIGITEK-LA2040 Datasheet
995Kb / 5P
   ROUND TYPE LED LAMP
logo
BetLux Electronics
BL-L314HD BETLUX-BL-L314HD Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314 BETLUX-BL-L314_11 Datasheet
232Kb / 4P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040-PF LIGITEK-LA2040-PF Datasheet
622Kb / 6P
   ROUND TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com