Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L413SRC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L413SRC
Description  Round LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L413SRC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L413SRC Datasheet HTML 1Page - BetLux Electronics BL-L413SRC Datasheet HTML 2Page - BetLux Electronics BL-L413SRC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Round LED lamp
BL-L413
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
4.0mm Round Type LED lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L413SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
80
300
BL-L413LRC
Super Red
AlGaAs,DH
660
1.85
2.20
250
700
BL-L413URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
550
1000
BL-L413UEC
Ultra Orange
AlGaInP
630
2.10
2.50
900
1900
BL-L413UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
900
2100
BL-L413UGC
Ultra Green
AlGaInP
574
2.20
2.50
220
650
BL-L413PGC
Ultra Pure Green
InGaN
525
3.80
4.50
1200
4000
BL-L413BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
900
3500
BL-L413BC
Blue
InGaN
430
3.80
4.50
400
1000
BL-L413UBC
Ultra Blue
InGaN
470
2.70
4.20
500
4000
BL-L413VC
UV
InGaN
405
3.80
4.50
100
160
BL-L413UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
3000
10000
25
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L413SRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L413SRC BETLUX-BL-L413SRC Datasheet
231Kb / 4P
   4.0mm Round Type LED lamp
More results

Similar Description - BL-L413SRC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3101N-UR-A MARKTECH-MT3101N-UR-A Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3118-Y-A MARKTECH-MT3118-Y-A Datasheet
249Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A Datasheet
275Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
MT3101N-UR-A MARKTECH-MT3101N-UR-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3203N-UG-A MARKTECH-MT3203N-UG-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A_15 Datasheet
136Kb / 6P
   ROUND LED LAMP
MT240-G-A MARKTECH-MT240-G-A_15 Datasheet
443Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A_15 Datasheet
275Kb / 5P
   ROUND LED LAMP
MT1403 MARKTECH-MT1403_15 Datasheet
181Kb / 5P
   ROUND LED LAMP
MT7315B-UR-A MARKTECH-MT7315B-UR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com