Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L314UWC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L314UWC
Description  Round Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L314UWC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L314UWC Datasheet HTML 1Page - BetLux Electronics BL-L314UWC Datasheet HTML 2Page - BetLux Electronics BL-L314UWC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Round Type LED lamp
BL-L314
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3mm Round Type LED Lamps.
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angl
e
2θ1/2
(deg)
BL-L314HD
Red
GaP/GaP
700
2.25
2.60
0.5
3
BL-L314ED
Orange
GaAsP/GaP
635
Color
Diffus
ed
2.10
2.50
2
20
60
BL-L314SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
50
220
BL-L314LRC
Super Red
AlGaAs,DH
660
1.85
2.20
200
500
BL-L314URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
500
900
BL-L314UEC
Ultra Orange
AlGaInP
630
2.10
2.50
900
1800
BL-L314UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
900
2000
BL-L314UGC
Ultra Green
AlGaInP
574
2.20
2.50
220
600
BL-L314PGC
Ultra Pure Green
InGaN
525
3.80
4.50
1200
3000
BL-L314BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
900
2800
BL-L314UBC
Ultra Blue
InGaN
470
2.70
4.20
500
1400
BL-L314VC
UV
InGaN
405
3.80
4.50
100
150
BL-L314UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
900
2000
30
Absolute maximum ratings (Ta=25
)
Parameter
E
SR
LR
UR
UE
UY
UG
PG
BG
UB
UV
W
U
ni
t
Forward Current
IF
25
25
25
25
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
60
65
65
75
110
110
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
15
0
150
150
150
150
150
150
150
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L314UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L314UWC BETLUX-BL-L314UWC Datasheet
232Kb / 4P
   Round Type LED lamp
More results

Similar Description - BL-L314UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L513UEC-HT30 BETLUX-BL-L513UEC-HT30 Datasheet
68Kb / 3P
   Round Type LED lamp
BL-L813SRC BETLUX-BL-L813SRC Datasheet
72Kb / 3P
   Round Type LED lamp
BL-L312SRC BETLUX-BL-L312SRC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L502SRC BETLUX-BL-L502SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L101SRC BETLUX-BL-L101SRC Datasheet
72Kb / 3P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040 LIGITEK-LA2040 Datasheet
995Kb / 5P
   ROUND TYPE LED LAMP
logo
BetLux Electronics
BL-L304SRC BETLUX-BL-L304SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314 BETLUX-BL-L314_11 Datasheet
232Kb / 4P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040-PF LIGITEK-LA2040-PF Datasheet
622Kb / 6P
   ROUND TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com