Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L334BGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L334BGC
Description  Cylindrical, Inverted Cone LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L334BGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L334BGC Datasheet HTML 1Page - BetLux Electronics BL-L334BGC Datasheet HTML 2Page - BetLux Electronics BL-L334BGC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Cylindrical, Inverted Cone LED lamp
BL-L334
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.0mm Cylindrical, Inverted Cone LED lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2(
deg)
BL-L334SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
30
80
BL-L334LRC
Super Red
AlGaAs,DH
660
1.85
2.20
60
120
BL-L334URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
120
300
BL-L334UEC
Ultra Orange
AlGaInP
630
2.10
2.50
150
400
BL-L334UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
150
400
BL-L334UGC
Ultra Green
AlGaInP
574
2.20
2.50
30
100
BL-L334PGC
Ultra Pure Green
InGaN
525
3.80
4.50
300
1000
BL-L334BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
220
800
BL-L334BC
Blue
InGaN
430
3.80
4.50
400
800
BL-L334UBC
Ultra Blue
InGaN
470
2.70
4.20
500
1000
BL-L334VC
UV
InGaN
405
3.80
4.50
30
100
BL-L334UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
250
1200
110
Absolute maximum ratings (Ta=25
)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L334BGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L334BGC BETLUX-BL-L334BGC Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
More results

Similar Description - BL-L334BGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L333 BETLUX-BL-L333 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
   5mm Cylindrical, Inverted Cone LED lamp
BL-L334 BETLUX-BL-L334 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
logo
Lucky Light Electronic
GB-473 LUCKY-LIGHT-GB-473 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (4.7mm)
GB-483 LUCKY-LIGHT-GB-483 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (3mm)
logo
BetLux Electronics
BL-FL7644 BETLUX-BL-FL7644 Datasheet
365Kb / 4P
   7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
logo
Sanken electric
SEL2013 SANKEN-SEL2013 Datasheet
29Kb / 1P
   3phi Inverted-cone LED for surface illumination
SEL1013 SANKEN-SEL1013 Datasheet
25Kb / 1P
   5phi Inverted-cone LED for surface illumination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com