Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L513UBC-B Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L513UBC-B
Description  Round Type, Blinking LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L513UBC-B Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L513UBC-B Datasheet HTML 1Page - BetLux Electronics BL-L513UBC-B Datasheet HTML 2Page - BetLux Electronics BL-L513UBC-B Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Round Type, Blinking LED lamp
BL-L513XX-B
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
5mm Round Blinking
flash
LED Lamps
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=50mA)
Chip
Pulse Rate(Hz)
VDD=5V (Hz)
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Min
Typ
Ma
x
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L513SRC-B
Hi Red
AlGaAs,SH
660
2.0
2.4
2.8
50
250
BL-L513LRC-B
Super Red
AlGaAs,DH
660
2.0
2.4
2.8
250
600
BL-L513URC-B
Ultra Red
AlGaAs,DDH
660
2.0
2.4
2.8
600
1000
BL-L513UEC-B
Ultra Orange
AlGaInP
630
2.0
2.4
2.8
800
2000
BL-L513UYC-B
Ultra Yellow
AlGaInP
590
2.0
2.4
2.8
1000
2200
BL-L513UGC-B
Ultra Green
AlGaInP
574
2.0
2.4
2.8
300
700
BL-L513PGC-B
Ultra Pure Green
InGaN
525
2.0
2.4
2.8
2000
5000
BL-L513BGC-B
Ultra Bluish Green
InGaN
505
2.0
2.4
2.8
1800
4000
BL-L513UBC-B
Ultra Blue
InGaN
470
2.0
2.4
2.8
2000
5000
BL-L513VC-B
UV
InGaN
405
2.0
2.4
2.8
80
150
BL-L513UWC-B
Ultra White
InGaN
/
Water
Clear
2.0
2.4
2.8
3000
10000
20
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L513UBC-B

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513UBC-B BETLUX-BL-L513UBC-B Datasheet
232Kb / 4P
   Round Type, Blinking LED lamp
More results

Similar Description - BL-L513UBC-B

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513XX-B BETLUX-BL-L513XX-B Datasheet
232Kb / 4P
   Round Type, Blinking LED lamp
BL-L314-B BETLUX-BL-L314-B Datasheet
231Kb / 4P
   3mm Round Type LED Lamps, Blinking LED lamp
logo
Kingbright Corporation
L-816BID KINGBRIGHT-L-816BID Datasheet
93Kb / 3P
   10mm ROUND, BLINKING LED LAMP
logo
Lucky Light Electronic
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (5mm)
logo
Micro Electronics
MSB557DA MICRO-ELECTRONICS-MSB557DA_05 Datasheet
52Kb / 1P
   BLINKING LED LAMP
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
logo
Micro Electronics
MSB557TA-5 MICRO-ELECTRONICS-MSB557TA-5_05 Datasheet
68Kb / 1P
   BLINKING LED LAMP
MSB557TA MICRO-ELECTRONICS-MSB557TA_05 Datasheet
52Kb / 1P
   BLINKING LED LAMP
logo
Kingbright Corporation
L-796BSRC-B KINGBRIGHT-L-796BSRC-B Datasheet
92Kb / 3P
   8mm BLINKING LED LAMP
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
   Round Type LED lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com