Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L563PGC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L563PGC
Description  Ovel Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L563PGC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L563PGC Datasheet HTML 1Page - BetLux Electronics BL-L563PGC Datasheet HTML 2Page - BetLux Electronics BL-L563PGC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
  
Ovel Type LED lamp
BL-L563
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 3
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH()
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz
F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta()
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta()
(5)


Similar Part No. - BL-L563PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L563PGC BETLUX-BL-L563PGC Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
More results

Similar Description - BL-L563PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L557UED-D3 BETLUX-BL-L557UED-D3 Datasheet
67Kb / 3P
   Ovel Type LED lamp
BL-L555SRC BETLUX-BL-L555SRC Datasheet
70Kb / 3P
   Ovel Type LED lamp
BL-L558SRC BETLUX-BL-L558SRC Datasheet
66Kb / 3P
   Ovel Type LED lamp
BL-L557SRC BETLUX-BL-L557SRC Datasheet
70Kb / 3P
   Ovel Type LED lamp
BL-L463SRC BETLUX-BL-L463SRC Datasheet
70Kb / 3P
   Ovel LED lamp
BL-L453SRC BETLUX-BL-L453SRC Datasheet
70Kb / 3P
   Ovel LED lamp
logo
LIGITEK electronics co....
LDBK13433 LIGITEK-LDBK13433 Datasheet
125Kb / 6P
   OVEL TYPE LED LAMPS
LDGM13433 LIGITEK-LDGM13433 Datasheet
116Kb / 6P
   OVEL TYPE LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-X2361 BRIGHT-BL-X2361 Datasheet
258Kb / 6P
   AXIAL TYPE LED LAMP
BL-X4361 BRIGHT-BL-X4361 Datasheet
232Kb / 6P
   AXIAL TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com