Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L813IRBC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L813IRBC
Description  INFRARED EMITTING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L813IRBC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L813IRBC Datasheet HTML 1Page - BetLux Electronics BL-L813IRBC Datasheet HTML 2Page - BetLux Electronics BL-L813IRBC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.betlux.com
INFRARED EMITTING DIODES
BL-L813XX-IR
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L813IRBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L813 BETLUX-BL-L813 Datasheet
231Kb / 4P
   8mm Round LED Lamps
BL-L813BC BETLUX-BL-L813BC Datasheet
72Kb / 3P
   Round Type LED lamp
BL-L813BC BETLUX-BL-L813BC Datasheet
231Kb / 4P
   8mm Round LED Lamps
BL-L813BGC BETLUX-BL-L813BGC Datasheet
72Kb / 3P
   Round Type LED lamp
BL-L813BGC BETLUX-BL-L813BGC Datasheet
231Kb / 4P
   8mm Round LED Lamps
More results

Similar Description - BL-L813IRBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com