Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L819EGW Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L819EGW
Description  Round Type, Bi-color LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L819EGW Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L819EGW Datasheet HTML 1Page - BetLux Electronics BL-L819EGW Datasheet HTML 2Page - BetLux Electronics BL-L819EGW Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Round Type, Bi-color LED lamp
BL-L819
APPROVED : XU L CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■ Features:
Ø
8.0mm Round Type BI-COLOR LED Lamps, with 3 leads
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
n Electrical-optical characteristics: (Ta=25℃)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λ
P
(nm)
Lens
Type
Typ
Max
Min.
Typ
Viewing
Angle
2θ1/2(de
g)
Orange
GaAsP/GaP
635
2.10
2.50
5
15
BL-L819EGW
Green
GaP/GaP
570
2.20
2.50
5
12
Yellow
GaAsP/GaP
585
2.10
2.50
5
12
BL-L819YGW
Green
GaP/GaP
570
2.20
2.50
5
12
Ultra Yellow
AlGaInP
630
2.10
2.50
80
100
BL-L819UEUGW
Ultra Green
AlGaInP
574
Water
Diff.
2.20
2.50
60
80
60
n Absolute maximum ratings (Ta=25℃)
Parameter
E
UE
Y
G
UG
Unit
Forward Current
IF
25
30
25
30
30
mA
Power Dissipation Pd
60
65
60
65
75
mW
Reverse Voltage VR
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5℃ for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L819EGW

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L819EGW BETLUX-BL-L819EGW Datasheet
311Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 3 leads
More results

Similar Description - BL-L819EGW

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L107EGW BETLUX-BL-L107EGW Datasheet
156Kb / 3P
   Round Type, Bi-color LED lamp
BL-L517EGW BETLUX-BL-L517EGW Datasheet
66Kb / 3P
   Round Type, Bi-color LED lamp
BL-L817EGW BETLUX-BL-L817EGW Datasheet
245Kb / 3P
   Round Type, Bi-color LED lamp
BL-L315EGW BETLUX-BL-L315EGW Datasheet
74Kb / 3P
   Round Type, BI-COLOR LED lamp
BL-L519EGW BETLUX-BL-L519EGW Datasheet
68Kb / 3P
   Round Type, Bi-color LED lamp
BL-L109EGW BETLUX-BL-L109EGW Datasheet
281Kb / 3P
   Round Type, Bi-color LED lamp
BL-L317EGW BETLUX-BL-L317EGW Datasheet
75Kb / 3P
   Round Type, BI-COLOR LED lamp
logo
Marktech Corporate
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A Datasheet
288Kb / 6P
   ROUND BI-COLOR LAMP
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A_15 Datasheet
288Kb / 6P
   ROUND BI-COLOR LAMP
logo
BetLux Electronics
BL-L2519EGW BETLUX-BL-L2519EGW Datasheet
61Kb / 3P
   Rectangular Type, BI-COLOR LED lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com