Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS0603URC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS0603URC
Description  SMD LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS0603URC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS0603URC Datasheet HTML 1Page - BetLux Electronics BL-LS0603URC Datasheet HTML 2Page - BetLux Electronics BL-LS0603URC Datasheet HTML 3Page - BetLux Electronics BL-LS0603URC Datasheet HTML 4Page - BetLux Electronics BL-LS0603URC Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.betlux.com
SMD LED LAMP
BL-LS0603XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS0603UDR
Ultra Red
AlGaAs
655
2.10
2.50
22
55
BL-LS0603UHR
Ultra Red
AlGaAs
645
2.10
2.60
30
80
BL-LS0603UEC
Ultra Orange
AlGaAs
630
2.10
2.50
30
80
BL-LS0603UHD
Ultra Orange
AlGaAs
618
2.10
2.60
50
110
BL-LS0603UYO
Ultra Amber
AlGaInP
610
2.10
2.60
30
80
BL-LS0603UYC
Ultra Yellow
AlGaInP
593
2.10
2.60
25
70
BL-LS0603UGC
Ultra Green
AlGaInP
575
2.20
2.70
10
40
BL-LS0603PGC
Ultra Pure Green
InGaN
525
3.50
4.20
50
100
BL-LS0603BGC
Ultra Bluish Green
InGaN
505
3.50
4.20
50
110
BL-LS0603DNB
Blue
InGaN
470
3.50
4.20
10
33
BL-LS0603UBC
Ultra Blue
InGaN
470
3.50
4.20
10
30
BL-LS0603UWC
Ultra White
InGaN
/
Water
Clear
3.50
4.20
40
200
130
Absolute maximum ratings (Ta=25°C)
Parameter
UDR
UHR
UE
UHD
UYO
UY
UG
PG
BG
DNB
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-LS0603URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS0603LEC BETLUX-BL-LS0603LEC Datasheet
134Kb / 5P
   SMD LED LAMP
BL-LS0603LGC BETLUX-BL-LS0603LGC Datasheet
134Kb / 5P
   SMD LED LAMP
BL-LS0603LHC BETLUX-BL-LS0603LHC Datasheet
134Kb / 5P
   SMD LED LAMP
BL-LS0603LLRC BETLUX-BL-LS0603LLRC Datasheet
134Kb / 5P
   SMD LED LAMP
BL-LS0603LSRC BETLUX-BL-LS0603LSRC Datasheet
134Kb / 5P
   SMD LED LAMP
More results

Similar Description - BL-LS0603URC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com