Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDIM010GBZ8P3 Datasheet(PDF) 11 Page - Sensortechnics GmbH

Part # HDIM010GBZ8P3
Description  Amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDIM010GBZ8P3 Datasheet(HTML) 11 Page - Sensortechnics GmbH

Back Button HDIM010GBZ8P3 Datasheet HTML 3Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 4Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 5Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 6Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 7Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 8Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 9Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 10Page - Sensortechnics GmbH HDIM010GBZ8P3 Datasheet HTML 11Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HDI Series
Amplified pressure sensors
11/11
E / 11650 / A
www.sensortechnics.com
ORDERING INFORMATION
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Sensortechnics PRO services:
· Extended guarantee period of 2 years
· Custom product modifications and adaptations even for small quantities
· Advanced logistics models for supply inventory and short delivery times
· Technical support through application engineers on the phone or at your site
· Traceability of each sensor through serial numbers on request
· No product specification changes without customer notification
· No product obsolescence without very early prior notice
· Fastest possible technical response for design and QA engineers
· Long term product availability for your spares and service needs
... plus other services on request
s
e
i
r
e
Se
g
n
a
r
e
r
u
s
s
e
r
Pe
d
o
m
e
r
u
s
s
e
r
Pn
o
i
t
a
r
b
i
l
a
Cg
n
i
s
u
o
Hg
n
i
t
r
o
Pe
d
a
r
Ge
g
a
t
l
o
V
s
n
o
i
t
p
OI
D
H
1
1
6
0
r
a
b
m
0
0
1
1
.
.
.
0
0
6
*
A
e
t
u
l
o
s
b
A
B
l
a
n
o
i
t
c
e
r
i
d
i
B
*
E
s
t
r
o
p
2
,
D
M
S
e
d
i
s
e
m
a
s
8
t
h
g
i
a
r
t
S
H
h
g
i
H
3
V
3
1
1
8
0
r
a
b
m
0
0
1
1
.
.
.
0
0
8
D
l
a
i
t
n
e
r
e
f
f
i
D
U
l
a
n
o
i
t
c
e
r
i
d
i
n
U
P
e
m
i
r
P
5
V
5
0
1
0
M
r
a
b
m
0
1
G
e
g
a
G
*
R
c
i
r
t
e
m
o
r
a
B
*
F
s
t
r
o
p
2
,
P
I
D
e
d
i
s
e
m
a
s
0
2
0
M
r
a
b
m
0
2
0
5
0
M
r
a
b
m
0
5
*
*
Y
t
r
o
p
1
,
D
M
S
l
a
i
x
a
0
0
1
M
r
a
b
m
0
0
1
0
0
2
M
r
a
b
m
0
0
2
*
*
Z
t
r
o
p
1
,
P
I
D
l
a
i
x
a
0
0
5
M
r
a
b
m
0
0
5
1
0
0
B
r
a
b
1
)
A
1
0
0
B
(
a
r
a
b
1
2
0
0
B
r
a
b
2
5
0
0
B
r
a
b
5
e
l
b
a
l
i
a
v
a
y
l
n
o
*
r
a
b
1
m
o
r
f
s
e
g
n
a
r
e
r
u
s
s
e
r
p
r
o
f
*
1
1
8
0
,
1
1
6
0
l
a
i
t
n
e
r
e
f
f
i
d
r
o
f
d
r
a
d
n
a
t
s
*
"
D
"
,
s
e
c
i
v
e
d
e
t
u
l
o
s
b
a
r
o
f
d
r
a
d
n
a
t
s
*
*
,
s
e
c
i
v
e
d
e
g
a
g
d
n
a
"
G
"
d
n
a
"
A
"
:
e
l
p
m
a
x
EI
D
H0
5
0
MG
U
Y
8
P
5
:
e
t
o
N
s
m
e
t
i
k
c
o
t
s
d
e
r
r
e
f
e
r
p
e
r
a
y
e
r
g
n
i
d
e
t
h
g
i
l
h
g
i
h
s
e
c
i
v
e
D
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2t
u
o
V
+
3D
N
G
4A
D
S
5*
C
/
I
6L
C
S
* Internal connection.
Do not connect for any reason
ELECTRICAL CONNECTION (cont.)
Pin
marking
3 2 1
4 5 6
Pin
marking
1 2 3
6 5 4
HDI...A...
(absolute)
HDI...G...
(gage)
HDI...D...
(differential)
4 5 6
3 2 1
Pin
marking
High pressure port


Similar Part No. - HDIM010GBZ8P3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HDIM010B SENSORTECHNICS-HDIM010B Datasheet
495Kb / 9P
   Amplified pressure sensors
HDIM010U SENSORTECHNICS-HDIM010U Datasheet
495Kb / 9P
   Amplified pressure sensors
More results

Similar Description - HDIM010GBZ8P3

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com