Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M23E881UHR Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-M23E881UHR
Description  LED DOT MATRIX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M23E881UHR Datasheet(HTML) 2 Page - BetLux Electronics

  BL-M23E881UHR Datasheet HTML 1Page - BetLux Electronics BL-M23E881UHR Datasheet HTML 2Page - BetLux Electronics BL-M23E881UHR Datasheet HTML 3Page - BetLux Electronics BL-M23E881UHR Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
  
LED DOT MATRIX
BL-M23X881
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25
)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
n
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
B
W
U
nit
Forward Current IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Ma x.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-M23E881UHR

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M23E881UEUG BETLUX-BL-M23E881UEUG Datasheet
152Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M23E881UHR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
   LED DOT MATRIX
logo
SHENZHEN YONGERJIA INDU...
WEJM1088 WINNERJOIN-WEJM1088 Datasheet
310Kb / 1P
   LED DOT MATRIX
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
logo
BetLux Electronics
BL-M23C881SG BETLUX-BL-M23C881SG Datasheet
152Kb / 3P
   LED DOT MATRIX
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
   LED DOT MATRIX
BL-M12C571SG BETLUX-BL-M12C571SG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M12E571SG BETLUX-BL-M12E571SG Datasheet
73Kb / 3P
   LED DOT MATRIX
BL-M14A581S BETLUX-BL-M14A581S Datasheet
140Kb / 4P
   LED DOT MATRIX
BL-M19C881SG BETLUX-BL-M19C881SG Datasheet
156Kb / 3P
   LED DOT MATRIX
BL-M23A881SG BETLUX-BL-M23A881SG Datasheet
72Kb / 3P
   LED DOT MATRIX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com