Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X112SE0 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # X112SE0
Description  8 mm switching soleniod valves
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

X112SE0 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  X112SE0 Datasheet HTML 1Page - Sensortechnics GmbH X112SE0 Datasheet HTML 2Page - Sensortechnics GmbH X112SE0 Datasheet HTML 3Page - Sensortechnics GmbH X112SE0 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
X-Valve
®
8 mm switching soleniod valves
2/4
October 2008 / 250
www.sensortechnics.com
.
o
n
t
r
a
Pe
r
u
s
s
e
r
Pw
o
l
f
m
u
m
i
n
i
M
/
s
e
z
i
s
e
c
i
f
i
r
O
C
t
n
e
l
a
v
i
u
q
E
V
1
e
t
a
r
k
a
e
L
2
e
s
n
o
p
s
e
R
.
.
.
1
Xg
i
s
p
6
.
.
.
0i
s
p
6
@
m
p
l
4
/
)
m
m
3
4
1
.
1
(
"
5
4
0
.
0
C
8
1
0
.
0
V
,
)
M
D
P
E
,
M
K
F
(
m
c
c
s
6
1
.
0
)
e
n
o
c
il
i
s
(
m
c
c
s
6
1
0
.
0
s
m
0
2
<
g
n
il
c
y
c
.
.
.
2
Xg
i
s
p
0
3
.
.
.
0i
s
p
0
3
@
m
p
l
6
/
)
m
m
2
6
7
.
0
(
"
0
3
0
.
0
C
0
1
0
.
0
V
m
c
c
s
6
1
.
0
.
.
.
5
Xg
i
s
p
0
0
1
.
.
.
0i
s
p
0
0
1
@
m
p
l
9
/
)
m
m
0
1
5
.
0
(
"
0
2
0
.
0
C
5
0
0
.
0
V
m
c
c
s
2
.
0
PERFORMANCE CHARACTERISTICS
FLOW CURVES (typical air flow)3
Notes:
1
The C
V value is the volume flow in US gallons/min under specific flow conditions and describes the relative flow capacity of a
valve. If several valves with the same nominal diameter are compared, the valve with the highest C
V value has the best flow
dynamics design. The equivalent european measure is the k
V value expressed in m
3/h (k
V = 0.86 CV).
2
sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and
pressure. 1000 sccm = 1 slpm.
3
slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure.
1 slpm = 1000 sccm.


Similar Part No. - X112SE0

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X112-133.33M CONNOR-WINFIELD-X112-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
More results

Similar Description - X112SE0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
   Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
   Inert isolation soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
914111051000 SENSORTECHNICS-914111051000 Datasheet
97Kb / 4P
   10 mm switching soleniod valve
099-0051-900 SENSORTECHNICS-099-0051-900 Datasheet
193Kb / 5P
   Ultra-high leak integrity media resistant soleniod valves
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
   General purpose 2-way and 3-way soleniod valves
LQX122W12FFFS000 SENSORTECHNICS-LQX122W12FFFS000 Datasheet
202Kb / 5P
   12 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
   Industrial Solenoid Valves
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com