Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-622-TDFB3-SSC4C-G5 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-13-622-TDFB3-SSC4C-G5
Description  622 Mbps DFB Laser Single Mode Transceiver(LH)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622-TDFB3-SSC4C-G5 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-622-TDFB3-SSC4C-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
C-1X-622(C)-TDFB(3)-SSC4
622 Mbps DFB Laser Single Mode Transceiver(LH)
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS577-Jun0306
Rev A.1
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-3
-
+2
dBm
Output center Wavelength
λ
1280
1310
1335
nm
C-13-622(C)-TDFB(3)-SSC4
Output center Wavelength
λ
1480
1550
1580
nm
C-15-622(C)-TDFB(3)-SSC4
Output Spectrum Width
λ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dB
Extinction Ratio
ER
10
-
-
dB
Output Eye
Compliant with ITU recommendation G.957
Optical Rise Time
tr
-
-
1.2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
1.2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.55
ns
Measured with 223-1 PRBS with 72 ones and
72 zeros.
Transmitter Specifications
Features
• SC Duplex Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Complies with SONET OC-12 SDH STM-4
• Single +3.3V/5V power supply
• Operatng Temperature Range 0 to 70ºC
• PECL Differential Inputs and Outputs
• TTL/LVTTL Signal Detection Output [C-1X-622C-TDFB(3)-SSC4]
• PECL/LVPECL Signal Detection Output [C-1X-622-TDFB(3)-SSC4]
• Wave Solderable and Aqueous Washable
• Uncooled laser diode with MQW sturcture
• Complies with Bellcore GR-468-CORE
• ATM 622 Mbps Link application
• SONET/SDH Equipment Interconnect application
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6.0
V
C-1X-622(C)-TDFB-SSC4
Power Supply Voltage
Vcc
0
3.6
V
C-1X-622(C)-TDFB3-SSC4
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
240
ºC
10 seconds on leads only
Operating temerature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
Vcc
4.75
5
5.25
V
C-1X-622(C)-TDFB-SSC4
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
C-1X-622(C)-TDFB3-SSC4
Operating Temperature (Case)
Topr
0
-
70
ºC
Data Rate
-
-
622
-
Mbps
Recommended Operating Condition


Similar Part No. - C-13-622-TDFB3-SSC4C-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T-SFC-G5 SOURCE-C-13-622-T-SFC-G5 Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T-SFC4 SOURCE-C-13-622-T-SFC4 Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T-SFC4-G5 SOURCE-C-13-622-T-SFC4-G5 Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
More results

Similar Description - C-13-622-TDFB3-SSC4C-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-15-622-TDFB-SST4 SOURCE-C-13-15-622-TDFB-SST4 Datasheet
760Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-15-155-TDFB-SSC10 SOURCE-C-15-155-TDFB-SSC10 Datasheet
663Kb / 11P
   155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR)
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-147-622-TDFB-SSC4 SOURCE-C-147-622-TDFB-SSC4 Datasheet
493Kb / 7P
   622 Mbps CWDM Single Mode Transceiver
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com