Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-622C-TDFB-SSC4CGR Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-13-622C-TDFB-SSC4CGR
Description  622 Mbps DFB Laser Single Mode Transceiver(LH)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622C-TDFB-SSC4CGR Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-13-622C-TDFB-SSC4CGR Datasheet HTML 1Page - Source Photonics, Inc. C-13-622C-TDFB-SSC4CGR Datasheet HTML 2Page - Source Photonics, Inc. C-13-622C-TDFB-SSC4CGR Datasheet HTML 3Page - Source Photonics, Inc. C-13-622C-TDFB-SSC4CGR Datasheet HTML 4Page - Source Photonics, Inc. C-13-622C-TDFB-SSC4CGR Datasheet HTML 5Page - Source Photonics, Inc. C-13-622C-TDFB-SSC4CGR Datasheet HTML 6Page - Source Photonics, Inc. C-13-622C-TDFB-SSC4CGR Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
C-1X-622(C)-TDFB(3)-SSC4
622 Mbps DFB Laser Single Mode Transceiver(LH)
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS577-Jun0306
Rev A.1
Ordering Information
C - 1X - 622(C) - TDFB(3) - S SC TxPower Temperature and Package -RoHS
• Wavelength
13 = Wavelength 1310nm
15 = Wavelength 1550nm
• Communication protocol
(622 Mbps)
622 = PECL/VLPECL signal detection output
622C = TTL/LVTTL signal detection output
• Connector options
SC
• TDFB= +5V DFB Transceiver
TDFB3= +3.3V DFB Transceiver
• Single mode fiber
• Tx Power range
4 = -3 to +2 dBm
Available Options:
C-13-622-TDFB(3)-SSC4
C-13-622-TDFB(3)-SSC4A
C-13-622-TDFB(3)-SSC4B
C-13-622-TDFB(3)-SSC4C
C-13-622-TDFB(3)-SSC4D
C-13-622-TDFB(3)-SSC4E
C-15-622-TDFB(3)-SSC4
C-15-622-TDFB(3)-SSC4A
C-15-622-TDFB(3)-SSC4B
C-15-622-TDFB(3)-SSC4C
C-15-622-TDFB(3)-SSC4D
C-15-622-TDFB(3)-SSC4E
Part numbering Definition:
• Temperature range and package
Blank / A = Black case 10.4 mm
B / E = Blue case 9.8 mm
C / D = Black case 9.8 mm
• Ordering Information
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)
C-13-622C-TDFB(3)-SSC4
C-13-622C-TDFB(3)-SSC4A
C-13-622C-TDFB(3)-SSC4B
C-13-622C-TDFB(3)-SSC4C
C-13-622C-TDFB(3)-SSC4D
C-13-622C-TDFB(3)-SSC4E
C-15-622C-TDFB(3)-SSC4
C-15-622C-TDFB(3)-SSC4A
C-15-622C-TDFB(3)-SSC4B
C-15-622C-TDFB(3)-SSC4C
C-15-622C-TDFB(3)-SSC4D
C-15-622C-TDFB(3)-SSC4E
C-13-622-TDFB(3)-SSC4-G5
C-13-622-TDFB(3)-SSC4A-G5
C-13-622-TDFB(3)-SSC4B-G5
C-13-622-TDFB(3)-SSC4C-G5
C-13-622-TDFB(3)-SSC4D-G5
C-13-622-TDFB(3)-SSC4E-G5
C-15-622-TDFB(3)-SSC4-G5
C-15-622-TDFB(3)-SSC4A-G5
C-15-622-TDFB(3)-SSC4B-G5
C-15-622-TDFB(3)-SSC4C-G5
C-15-622-TDFB(3)-SSC4D-G5
C-15-622-TDFB(3)-SSC4E-G5
C-13-622C-TDFB(3)-SSC4-G5
C-13-622C-TDFB(3)-SSC4A-G5
C-13-622C-TDFB(3)-SSC4B-G5
C-13-622C-TDFB(3)-SSC4C-G5
C-13-622C-TDFB(3)-SSC4D-G5
C-13-622C-TDFB(3)-SSC4E-G5
C-15-622C-TDFB(3)-SSC4-G5
C-15-622C-TDFB(3)-SSC4A-G5
C-15-622C-TDFB(3)-SSC4B-G5
C-15-622C-TDFB(3)-SSC4C-G5
C-15-622C-TDFB(3)-SSC4D-G5
C-15-622C-TDFB(3)-SSC4E-G5


Similar Part No. - C-13-622C-TDFB-SSC4CGR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622C-T-SSC4 SOURCE-C-13-622C-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622C-T-SSC4-G5 SOURCE-C-13-622C-T-SSC4-G5 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622C-T-SSC4A SOURCE-C-13-622C-T-SSC4A Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622C-T-SSC4A-G5 SOURCE-C-13-622C-T-SSC4A-G5 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622C-T-SSC4B SOURCE-C-13-622C-T-SSC4B Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
More results

Similar Description - C-13-622C-TDFB-SSC4CGR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-15-622-TDFB-SST4 SOURCE-C-13-15-622-TDFB-SST4 Datasheet
760Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-15-155-TDFB-SSC10 SOURCE-C-15-155-TDFB-SSC10 Datasheet
663Kb / 11P
   155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR)
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-147-622-TDFB-SSC4 SOURCE-C-147-622-TDFB-SSC4 Datasheet
493Kb / 7P
   622 Mbps CWDM Single Mode Transceiver
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com