Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7846KP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7846KP
Description  16-Bit Voltage Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846KP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7846KP Datasheet HTML 3Page - Analog Devices AD7846KP Datasheet HTML 4Page - Analog Devices AD7846KP Datasheet HTML 5Page - Analog Devices AD7846KP Datasheet HTML 6Page - Analog Devices AD7846KP Datasheet HTML 7Page - Analog Devices AD7846KP Datasheet HTML 8Page - Analog Devices AD7846KP Datasheet HTML 9Page - Analog Devices AD7846KP Datasheet HTML 10Page - Analog Devices AD7846KP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7846
REV. E
–7–
VDD/VSS – Volts
0.5
11
1.0
12
13
14
15
TA = +25 C
VREF+ = +5V
VREF– = 0V
GAIN = +1
1.5
2.0
2.5
3.0
3.5
4.0
16
Figure 13. Typical Linearity vs. VDD/VSS
VDD/VSS – Volts
0
11
12
13
14
15
TA = +25 C
VREF+ = +5V
VREF– = 0V
GAIN = +1
0.2
1.0
16
0.4
0.6
0.8
Figure 14. Typical Monotonicity vs.
VDD/VSS
CIRCUIT DESCRIPTION
Digital Section
Figure 15 shows the digital control logic and on-chip data
latches in the AD7846. Table II is the associated truth table.
The D/A converter has two latches that are controlled by four
signals:
CS, R/W, LDAC and CLR. The input latch is con-
nected to the data bus (DB15–DB0). A word is written to the
input latch by bringing
CS low and R/W low. The contents of
the input latch may be read back by bringing
CS low and R/W
high. This feature is called “readback” and is used in system
diagnostic and calibration routines.
Data is transferred from the input latch to the DAC latch with
the
LDAC strobe. The equivalent analog value of the DAC
latch contents appears at the DAC output. The
CLR pin resets
the DAC latch contents to 000 . . . 000 or 100 . . . 000, depend-
ing on the state of R/
W. Writing a CLR loads 000 . . . 000 and
reading a
CLR loads 100 . . . 000. To reset a DAC to 0 V in a
unipolar system the user should exercise
CLR while R/W is low;
to reset to 0 V in a bipolar system exercise the
CLR while R/W
is high.
R/
W
CLR
CS
DB15
DB0
16
16
16
DAC
DB15 RST
DB15 SET
DB14–DB0
RST
3-STATE I/O
LATCH
DB15–DB0
LATCHES
LDAC
Figure 15. Input Control Logic
Table II. Control Logic Truth Table
CS
R/
W LDAC CLR Function
1
X
X
X
3-State DAC I/O Latch in High-
Z State
0
0
X
X
DAC I/O Latch Loaded with
DB15–DB0
0
1
X
X
Contents of DAC I/O Latch
Available on DB15–DB0
X
X
0
1
Contents of DAC I/O Latch
Transferred to DAC Latch
X
0
X
0
DAC Latch Loaded with
000 . . . 000
X
1
X
0
DAC Latch Loaded with
100 . . . 000
D/A Conversion
Figure 16 shows the D/A section of the AD7846. There are
three DACs, each of which have their own buffer amplifiers.
DAC1 and DAC2 are 4-bit DACs. They share a 16-resistor
string but have their own analog multiplexers. The voltage refer-
ence is applied to the resistor string. DAC3 is a 12-bit voltage
mode DAC with its own output stage.
The 4 MSBs of the 16-bit digital code drive DAC1 and DAC2
while the 12 LSBs control DAC3. Using DAC1 and DAC2, the
MSBs select a pair of adjacent nodes on the resistor string and
present that voltage to the positive and negative inputs of
DAC3. This DAC interpolates between these two voltages to
produce the analog output voltage.
To prevent nonmonotonicity in the DAC due to amplifier offset
voltages, DAC1 and DAC2 “leap-frog” along the resistor string.
For example, when switching from Segment 1 to Segment 2,
DAC1 switches from the bottom of Segment 1 to the top of
Segment 2 while DAC2 stays connected to the top of Segment
1. The code driving DAC3 is automatically complemented to
compensate for the inversion of its inputs. This means that any
linearity effects due to amplifier offset voltages remain un-
changed when switching from one segment to the next and
16-bit monotonicity is ensured if DAC3 is monotonic. So,
12-bit resistor matching in DAC3 guarantees overall 16-bit
monotonicity. This is much more achievable than the 16-bit
matching which a conventional R-2R structure would have
needed.


Similar Part No. - AD7846KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846KP AD-AD7846KP Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846KP-REEL AD-AD7846KP-REEL Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846KPZ AD-AD7846KPZ Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846KPZ-REEL AD-AD7846KPZ-REEL Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results

Similar Description - AD7846KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Texas Instruments
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
[Old version datasheet]   DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com