Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-155-T-SSC3-G5 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-13-155-T-SSC3-G5
Description  155 Mbps Single Mode Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T-SSC3-G5 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-13-155-T-SSC3-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-T-SSC3-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
155 Mbps Single Mode Transceiver
C-13-155(C)-T3-SXX3(5)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS272-JAN2904
rev. 0
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-15
-
-8
dBm
C-13-155(C)-T3-SXX3, output power is coupled
into a 9/125 µm single mode fiber
Optical Transmit Power
Po
-5
-
0
dBm
C-13-155(C)-T3-SXX5, output power is coupled
into a 9/125 µm single mode fiber
Output Center Wavelength
λ
1261
1310
1360
nm
C-13-155(C)-T3-SXX3
Output Center Wavelength
λ
1263
1310
1360
nm
C-13-155(C)-T3-SXX5
Output Spectrum Width
Δλ
-
-
7.7
nm
RMS(σ), C-13-155(C)-T3-SXX3
Output Spectrum Width
Δλ
5
nm
RMS(σ), C-13-155(C)-T3-SXX5
Extinction Ratio
ER
8.2
-
-
dB
C-13-155(C)-T3-SXX3
Extinction Ratio
ER
10
-
-
dB
C-13-155(C)-T3-SXX5
Output Pulse Mask
Compliant with FDDI SMF-PMD1
Output Eye
Compliant with ITU-T recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJt
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications, (0<Topr<70ºC, 3.1V<VCC<3.5V)
Features
• Duplex SC Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Intermediate Reach SONET OC-3 SDH STM-1 Compliant
• Single 3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• Wave Solderable and Aqueous Washable
• LED Multisourced 1x9 Transceiver Interchangeable
• Class 1 Laser Int. Safety Standard IEC 825 Compliant
• Uncooled Laser Diode with MQW Structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• Temperature Range: 0 to 70ºC
• C-13-155(C)-T3-SSC3(5) black case 10.4 mm
• SD LVPECL level C-13-155-T3-SXX3(5)
• SD LVTTL level C-13-155C-T3-SXX3(5)
• ATM 155 Mbps Links Application
• SONET/SDH Equipment Interconnect Application
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating Temperature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature
Topr
0
-
70
ºC
Data Rate
-
155
-
Mbps
Recommended Operating Condition


Similar Part No. - C-13-155-T-SSC3-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T-SSC3-G5 SOURCE-C-13-155-T-SSC3-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
More results

Similar Description - C-13-155-T-SSC3-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com