Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPD-4F-04-31-A Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SFPD-4F-04-31-A
Description  4Gb/s Fibre Channel DWDM SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFPD-4F-04-31-A Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SFPD-4F-04-31-A Datasheet HTML 1Page - Source Photonics, Inc. SFPD-4F-04-31-A Datasheet HTML 2Page - Source Photonics, Inc. SFPD-4F-04-31-A Datasheet HTML 3Page - Source Photonics, Inc. SFPD-4F-04-31-A Datasheet HTML 4Page - Source Photonics, Inc. SFPD-4F-04-31-A Datasheet HTML 5Page - Source Photonics, Inc. SFPD-4F-04-31-A Datasheet HTML 6Page - Source Photonics, Inc. SFPD-4F-04-31-A Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
4.25Gb/s Fibre Channel DWDM SFP Transceiver
Preliminary
SFPD-4F-04-xx-A
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Confidential and Proprietary
LUMNDS731-FEB272007
Rev 0.3
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
PECL Single-Ended Data Input Swing
Vin,p-p
250
-
1200
mV
TxFault_Fault
Vfault
2
-
Vcc
V
TxFault_Normal
Vnormal
Vee
-
Vee+0.5
V
TxDisable_Disable
Vd
2
-
Vcc
V
TxDisable_Enable
Ven
Vee
-
Vee+0.8
V
Transmitter Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Receive Power Lowe
Rsens,low
-
-26
-24
dBm
Receive Power High
Rsens,high
-6
-
-
dBm
Damage Threshold For Receiver
Pin,damage
4
-
-
dBm
Wavelength
λ
1528
-
1564
nm
Maximum Reflectance Of Receiver
RX_r
-
-
-27
dB
Receiver Specifications (Optical)
e) at 10-12 BER, PRBS 27-1, 4.25Gb/s
Parameter
Symbol
Min
Typical
Max
Unit
Single-Ended Data Output
Vout, p-p
185
-
800
mV
Receiver Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate Time
t_on
-
-
20
ms
Tx Disable Assert Time
t_off
-
-
20
ms
Time To Initialize After Reset of Tx_Fault/INT in
Normal Operation
t_init
-
-
300
ms
Start-up Time
t_startup
-
-
90
secs
Tx Fault/INT Assert Time
t_fault
-
-
50
ms
Tx Disable To Reset
t_reset
10
-
-
µs
LOS Assert Time
t_loss_on
-
-
100
µs
LOS De-assert Time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
-
-
100
kHz
RX_LOS Voltage (High)
2
-
-
V
RX_LOS Voltage (Low)
-
-
0.8
V
LOS Output Voltage-Fault
VLOS fault
2
-
Vcc
V
LOS Output Voltage-Normal
VLOSnormal
Vee
-
Vee+0.55
V
MOD_DEF (0:2)-High
VH
2
-
Vcc
V
MOD_DEF (0:2)-Low
VL
Vee
-
Vee+0.5
V
Timing and Electrical


Similar Part No. - SFPD-4F-04-31-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
SFPD-4F-08-16-A SOURCE-SFPD-4F-08-16-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
SFPD-4F-08-17-A SOURCE-SFPD-4F-08-17-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
SFPD-4F-08-18-A SOURCE-SFPD-4F-08-18-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
SFPD-4F-08-19-A SOURCE-SFPD-4F-08-19-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
More results

Similar Description - SFPD-4F-04-31-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
logo
MRV Communications, Inc...
SFPFC4DW08 MRV-SFPFC4DW08 Datasheet
130Kb / 5P
   4.25 Gbps Fibre Channel DWDM SFP Transceiver
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-04-27CDA SOURCE-SPC-4F-04-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-28-A SOURCE-SPC-4F-08-28-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com