Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-4F-08-56-A Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPC-4F-08-56-A
Description  4.25Gb/s Fibre Channel CWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-4F-08-56-A Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPC-4F-08-56-A Datasheet HTML 1Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 2Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 3Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 4Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 5Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 6Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 7Page - Source Photonics, Inc. SPC-4F-08-56-A Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-xxCDA
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS734-Apr0908
Rev. A.0
λ Wavelength Ordering
SPC-4F-08-xxCDA
See table below for “XX” values
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
27
1271
nm
39
1391
nm
51
1511
nm
29
1291
nm
41
1411
nm
53
1531
nm
31
1311
nm
43
1431
nm
55
1551
nm
33
1331
nm
45
1451
nm
57
1571
nm
35
1351
nm
47
1471
nm
59
1591
nm
37
1371
nm
49
1491
nm
61
1611
nm
λc Wavelength Guide
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature(-CDA) -5 to 70
± 3
º C
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Voltage
0 to Vcc
0.1
V
External
V(Volts) = Vslope*Vad (16 bit unsigned integer) + Voffset
Bias Current
0 to 120
5
mA
External
I(mA)=Islope*Iad(16 bit unsigned integer)+Ioffset
TX Power
0 to +5
±3 dB
dBm
External
TX_PWR(µW)=TX_PWRslope*TX_PWRad(16 bit unsigned integer
+TX_PWRoffset
RX Power
-24 to -6
±3 dB
dBm
External
RX_PWR(µW)=A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics


Similar Part No. - SPC-4F-08-56-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
More results

Similar Description - SPC-4F-08-56-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-04-27CDA SOURCE-SPC-4F-04-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
MRV Communications, Inc...
SFPFC4CW08 MRV-SFPFC4CW08 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-01-CDA SOURCE-SP-4F-01-CDA Datasheet
503Kb / 7P
   4.25Gb/s 10km SFP Transceiver
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
SP-4F-08-CDA SOURCE-SP-4F-08-CDA Datasheet
462Kb / 7P
   4.25Gb/s 80km SFP Transceiver
SP-4F-01 SOURCE-SP-4F-01 Datasheet
217Kb / 11P
   4.25Gb/s 10km SFP Transceiver
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com