Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDR-FC-55Z-L-T-DMFCNE Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # LDR-FC-55Z-L-T-DMFCNE
Description  1310nm & 1550nm Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

LDR-FC-55Z-L-T-DMFCNE Datasheet(HTML) 4 Page - Source Photonics, Inc.

  LDR-FC-55Z-L-T-DMFCNE Datasheet HTML 1Page - Source Photonics, Inc. LDR-FC-55Z-L-T-DMFCNE Datasheet HTML 2Page - Source Photonics, Inc. LDR-FC-55Z-L-T-DMFCNE Datasheet HTML 3Page - Source Photonics, Inc. LDR-FC-55Z-L-T-DMFCNE Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LDR-FC-XXZ-X-T-XXFCNX-XX
LUMNDS764-DEC0205
rev. A.4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants
performance of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated
as “preliminary” are given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express,
implied, and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to
the company’s Terms and Conditions of Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or
intellectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and
LuminentOIC makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury
or death to persons. LuminentOIC customers using or selling products for use in such applications do so at their own risk and agree to fully defend and
indemnify LuminentOIC for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must con-
tact LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2005
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
1310nm & 1550nm Laser Diode Module
Ordering Information
Isolator/Stub
N=None
S=9/125µm
Fiber
T= -40~+85°C
Temperature
Z=+/- 20nm
C=CW
Application
F=FP
Device
Tolerance
Power
L/M/H/U
FC
Pinout
31:1310nm
Wavelength
Family
LDR=LD Receptacle
LDR-FC-XXZ-X-T-XXFCNX-XX
Connector
55:1550nm
A/D
M=50/125µm
Option
E=FC
G=FC-SF
L=FC-BL
RoHS Compliant
Blank = RoHS non-compliant product
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)
-/G5/GR


Similar Part No. - LDR-FC-55Z-L-T-DMFCNE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-55Z-L-T-DMSTNB SOURCE-LDR-FC-55Z-L-T-DMSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-55Z-L-T-DMSTNB-G5 SOURCE-LDR-FC-55Z-L-T-DMSTNB-G5 Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-55Z-L-T-DMSTNB-GR SOURCE-LDR-FC-55Z-L-T-DMSTNB-GR Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDR-FC-55Z-L-T-DMFCNE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
List of Unclassifed Man...
C-15-002 ETC2-C-15-002 Datasheet
501Kb / 6P
   1550nm 2.5Gbps Laser Diode Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
logo
List of Unclassifed Man...
LD131T10 ETC-LD131T10 Datasheet
251Kb / 4P
   1310nm Laser Diode
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com