Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-13-15-622-TDFB-SSC Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # B-13-15-622-TDFB-SSC
Description  622 Mbps Bi-directional Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-15-622-TDFB-SSC Datasheet(HTML) 6 Page - Source Photonics, Inc.

  B-13-15-622-TDFB-SSC Datasheet HTML 1Page - Source Photonics, Inc. B-13-15-622-TDFB-SSC Datasheet HTML 2Page - Source Photonics, Inc. B-13-15-622-TDFB-SSC Datasheet HTML 3Page - Source Photonics, Inc. B-13-15-622-TDFB-SSC Datasheet HTML 4Page - Source Photonics, Inc. B-13-15-622-TDFB-SSC Datasheet HTML 5Page - Source Photonics, Inc. B-13-15-622-TDFB-SSC Datasheet HTML 6Page - Source Photonics, Inc. B-13-15-622-TDFB-SSC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
622 Mbps Bi-directional Single Fiber Transceiver
B-1X/1X-622-TDFB(3)-SSCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS795-NOV0104
rev. A.0
LUMINENTOIC.COM
Package Diagram
Diplexer Transceiver Assembly (Receptacle Type)
Side View
Rear View
Top View
Front View
Units: mm


Similar Part No. - B-13-15-622-TDFB-SSC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-15-622-TPM-SFC-60 SOURCE-B-13-15-622-TPM-SFC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SFC4-60 SOURCE-B-13-15-622-TPM-SFC4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SFC4A-60 SOURCE-B-13-15-622-TPM-SFC4A-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SMU4-60 SOURCE-B-13-15-622-TPM-SMU4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SMU4A-60 SOURCE-B-13-15-622-TPM-SMU4A-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
More results

Similar Description - B-13-15-622-TDFB-SSC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-15-622-TPM-SSC-60 SOURCE-B-13-15-622-TPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC-60 SOURCE-B-15-622-TDPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC4-60 SOURCE-B-15-622-TDPM-SSC4-60 Datasheet
614Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC4-60 SOURCE-B-13-15-622-TPM-SSC4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com