Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16831DBBRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ALVCH16831DBBRE4
Description  1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16831DBBRE4 Datasheet(HTML) 2 Page - Texas Instruments

  74ALVCH16831DBBRE4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16831DBBRE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
20
21
19
8
CLK
D
Q
22
To Eight Other Channels
5
4
2
1
OE1
OE2
CLK
A1
SEL
1Y1
2Y1
3Y1
4Y1
SN74ALVCH16831
1-TO-4 ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCES083F – AUGUST 1996 – REVISED SEPTEMBER 2004
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
-40
°C to 85°C
TVSOP - DBB
Tape and reel
SN74ALVCH16831DBBR
ALVCH16831
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
OE
SEL
CLK
A
Y
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
L
L
L
H
H
LOGIC DIAGRAM (POSITIVE LOGIC)
2


Similar Part No. - 74ALVCH16831DBBRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16832 PHILIPS-74ALVCH16832 Datasheet
89Kb / 12P
   7-bit to 28-bit address register/driver with 3-state outputs
2001 Dec 14
74ALVCH16832DGG PHILIPS-74ALVCH16832DGG Datasheet
89Kb / 12P
   7-bit to 28-bit address register/driver with 3-state outputs
2001 Dec 14
logo
Texas Instruments
74ALVCH16832DGGRE4 TI1-74ALVCH16832DGGRE4 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16832DGGRG4 TI1-74ALVCH16832DGGRG4 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16835DGGRE4 TI-74ALVCH16835DGGRE4 Datasheet
487Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16831DBBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com